Electronic Components Datasheet Search
  English  ▼

X  

EM6517 Datasheet(PDF) 11 Page - EM Microelectronic - MARIN SA

Part # EM6517
Description  MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6517 Datasheet(HTML) 11 Page - EM Microelectronic - MARIN SA

Back Button EM6517 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 15Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
EM6517
03/02 REV. C/448
Copyright
 2002, EM Microelectronic-Marin SA
11
www.emmicroelectronic.com
Table 5.4.1 Watchdog Timer Register RegSysCntl2
Bit
Name
Reset
R/W
Description
3
WDReset
0
R/W
Reset the Watchdog
1 -> Resets the Logic Watchdog
0 -> No action
The Read value is always '0'
2
SleepEn
0
R/W
See Operating modes (sleep)
1
WDVal1
0
R
Watchdog timer data Ck[1] divided by 4
0
WDVal0
0
R
Watchdog timer data Ck[1] divided by 2
Table 5.4.2 Watchdog Control Register RegSysCntl3
Bit
Name
Reset
R/W
Description
3
Vref1/2Sel
0
R/W
Reference selection for the ADC
2
--
0
R/W
always reads 0
1
NoOscWD
0
R/W
No oscillation supervisor
0
NoLogicWD
0
R/W
No logic watchdog
5.5
CPU State after Reset
Reset initializes the CPU as shown in Table 5.5.1 below.
Table 5.5.1 Initial CPU Value after Reset.
Name
Bits
Symbol
Initial Value
Program counter 0
12
PC0
hex 000 (as a result of Jump 0)
Program counter 1
12
PC1
Undefined
Program counter 2
12
PC2
Undefined
Stack pointer
2
SP
PSP[0] selected
Index register
7
IX
Undefined
Carry flag
1
CY
Undefined
Zero flag
1
Z
Undefined
Halt
1
HALT
0
Instruction register
16
IR
Jump 0
Periphery registers
4
Reg.
See peripheral memory map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com