Electronic Components Datasheet Search
  English  ▼

X  

EM6517 Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part # EM6517
Description  MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6517 Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  EM6517 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
EM6517
03/02 REV. C/448
Copyright
 2002, EM Microelectronic-Marin SA
5
www.emmicroelectronic.com
2
Typical configurations
Full range ADC : Vref = VDD, Vgnd = VDD/2.
For power saving one might connect the Vgnd resistor divider chain onto a port B output. This output should be
driving VDD during the conversion and driving VSS or high impedance in the ADC off state.
Limited range ADC : VDD > Vref > Vgnd, Vgnd=VDD/2.
For power saving one might connect the Vgnd and the Vref resistor divider chain onto a port B output to VSS.
This output should be driving VDD during the conversion and driving Vss or high impedance in the ADC off state.
other possibility: VREF = VregLogic, VGND = VregLogic/2
For power saving one might connect the Vgnd resistor divider chain from VregLogic onto a port B output. This
output should be driving VSS during the conversion and driving ‘high impedance’ in the ADC off state.
Figure 3. Typical Application, Full Range
Main power
≈
Vreg VSS
Vss
R1
R1
Vss
Ain
Bin
Port C
Port B
Strobe
Reset
Port A
Vref
Vgnd
VDD
VDD, or port driven
VDD
32 KHz
>1.3V
VDD
Vss
Vgnd
+
-
Full
range
ADC
Figure 4. Typical Application, Limited Range
Main power
≈
Vreg Vss
Vss or Vgnd
>1.3V
Vdd or Port B driven
R1
C1
R1
Vss
Ain
Bin
Vref
Vgnd
VDD
32 KHz
limited
range
ADC
Vref
Vref
Vgnd
+
-
Vdd
Vss
+| Vref - Vgnd |
-| Vref - Vgnd |
Port C
Port B
Strobe
Reset
Port A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com