Electronic Components Datasheet Search
  English  ▼

X  

IC-GD Datasheet(PDF) 46 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 46 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 42Page - IC-Haus GmbH IC-GD Datasheet HTML 43Page - IC-Haus GmbH IC-GD Datasheet HTML 44Page - IC-Haus GmbH IC-GD Datasheet HTML 45Page - IC-Haus GmbH IC-GD Datasheet HTML 46Page - IC-Haus GmbH IC-GD Datasheet HTML 47Page - IC-Haus GmbH IC-GD Datasheet HTML 48Page - IC-Haus GmbH IC-GD Datasheet HTML 49Page - IC-Haus GmbH IC-GD Datasheet HTML 50Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 46/55
that use the digital input or output, those in- and out-
puts must also be selected in the IO_SEL_xX register –
either as primary or secondary function.
• OUT: The iC operates asynchronously. The input
data is sampled with the falling edge at pin NCS (SPI
access), the output data is set after writing (rising
edge at NCS; the analog outputs are updated after
the next refresh cycle).
• SYNC (DATA): The iC operates synchronously. The
input data is sampled with the rising or falling edge
of the SYNC pin and can be read via SPI at any
time. The output data written via SPI is output then
(the analog outputs are updated after the next refresh
cycle).
• DIG_IN-SYNC_OUT: The digital input data is output
via the SYNC pin after passing the spike filter and
optional inversion. The mode of the digital input is se-
lected via DI_SEL. The primary or secondary function
for the channel must be selected as DI.
• SYNC_IN-DIG_OUT: The digital value at the SYNC
pin is output (optionally inverted) at the digital out-
put. The mode of the digital output is selected via
DO_SEL. The primary or secondary function for the
channel must be selected as DO.
SYNC_SEL_x
LK - /
RW - 00
00
OFF
01
SYNC (DATA)
10
DI → SYNC_PIN
11
SYNC_PIN → DO
Table 48: SYNC pin function selection
SYNC_INV_x
The register SYNC_INV_x selects the active edge for
synchronizing (for every channel separately). This ap-
plies both to the SYNC pin and the SYNC command
via SPI.
SYNC_INV_x
LK - P
RW - 0
0
Non inverted: rising edge
1
Inverted: falling edge
Table 49: SYNC edge selection
VICI_SEL_x
Register VICI_SEL_x determines the function of the
voltage input or the current input respectively. The
setting must correspond to register IO_SEL_x.
When temperature measurement is selected in regis-
ter IO_SEL_xP, it is automatically overwritten with the
voltage range required for the measurement.
VICI_SEL_x
LK-PS
(*) RW - 000
000
±10 V
001
±1 V
010
±100 mV
011
±10 mV
100
-17.5m...87.5 mV
101
-4.375...21.875 mV
110
-20...20 mA
111
4...20 mA
Table 50: Voltage/current input selection
CO_SEL_x
Register CO_SEL_x determines the function of the cur-
rent output.
When temperature measurement is selected in register
IO_SEL_xP and the PT elements are selected in regis-
ter TM_SEL_x, this register is automatically overwritten
with the selection appropriate for the PT elements to
supply the required current.
CO_SEL_x
LK-PS
(*) RW - 00
00
0...20 mA
01
4...20 mA
10
0...2.0 mA
11
0...200 µA
Table 51: Current-output selection
VO_EC_x
Register VO_EC_x activates the extended current
range of the voltage output (see Item No. M04).
VO_EC_x
LK-PS
(*) RW - 0
1
Activates the extended current range of VO
Table 52: Current-range extension
Classic counter
The following registers refer to the function of the
counter in classic mode. This register block shares
its functions with other modes. It is only valid, if the
classic counter is selected in register IO_SEL_xP.
If required, register CNT_DCB_x suppresses several
CH_STAT events in consequence of the same trigger.
They can be reactivated in register SPI_LOCK_RESET.
The bit is intended to reduce double interrupts due to a
single event.
CNT_DCB_x
LK - P
RW - 0
1
Activates the suppression of multiple CH_STAT
events
Table 53: EN_STAT_xP-bits reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com