Electronic Components Datasheet Search
  English  ▼

X  

IC-GD Datasheet(PDF) 42 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 42 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 38Page - IC-Haus GmbH IC-GD Datasheet HTML 39Page - IC-Haus GmbH IC-GD Datasheet HTML 40Page - IC-Haus GmbH IC-GD Datasheet HTML 41Page - IC-Haus GmbH IC-GD Datasheet HTML 42Page - IC-Haus GmbH IC-GD Datasheet HTML 43Page - IC-Haus GmbH IC-GD Datasheet HTML 44Page - IC-Haus GmbH IC-GD Datasheet HTML 45Page - IC-Haus GmbH IC-GD Datasheet HTML 46Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 42/55
erated combinatorial and therefore can neither be writ-
ten nor reset. To clear these bits, either CH_STAT_REG
must be read whereby set bits are reset or the detection
must be deactivated in EN_IRQ_FLAG_REG. Figure 7
shows the connection between the registers CH_STAT,
SPV and IRQ_FLAGS.
IRQ_FLAG_REG
/
R - NA
bit 6:0
Active interrupts of CH_STAT_REG_1P
bit 7
Sum of active interrupts of
CH_STAT_REG_1S and CH_STAT_REG_2S
bit 14:8
Active interrupts of CH_STAT_REG_2P
bit 15
Sum of activen interrupts of SPV_REG
Table 38: IRQ-Flag-Register
REGISTER MAP
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Configuration channel 1
0x00
ENVIF_1
IO_SEL_1S(2:0)
DO_12
IO_SEL_1P(2:0)
0x01
SYNC_INV_1
SYNC_SEL_1(1:0)
DIO_INV_1
DO_SEL_1(1:0)
DI_SEL_1(1:0)
0x02
ENDOSC_1
CNT_E2R_1
VO_EC_1
CO_SEL_1(1:0)
VICI_SEL_1(2:0)
0x03(A)
CNT_DUAL
CNT_SEL_1(2:0)
CNT_CBE_1
CNT_DNU_1
CNT_RAR_1
CNT_DCB_1
0x03(B)
CNT_DUAL
CNT_SEL_1(2:0)
(unused)
PWM_LAP_1 PWM_AZP_1
PWM_HS_1
0x03(C)
TM_SEL_1(4:0)
0x04
AI_LOWER_1(15:8)
0x05
AI_LOWER_1(7:0)
0x06
AI_UPPER_1(15:8)
0x07
AI_UPPER_1(7:0)
0x08
EN_CH_STAT_1S(3:0)
EN_CH_STAT_1P(3:0)
0x09
SPIKE_FIL_1(3:0)
DIG_FIL_1(3:0)
Configuration channel 2
0x10
ENVIF_2
IO_SEL_2S(2:0)
DO_ADR0_2
IO_SEL_2P(2:0)
0x11
SYNC_INV_2
SYNC_SEL_2(1:0)
DIO_INV_2
DO_SEL_2(1:0)
DI_SEL_2(1:0)
0x12
ENDOSC_2
(unused)
VO_EC_2
CO_SEL_2(1:0)
VICI_SEL_2(2:0)
0x13(A)
(unused)
CNT_SEL_2(2:0)
CNT_CBE_2
CNT_DNU_2
CNT_RAR_2
CNT_DCB_2
0x13(B)
(unused)
CNT_SEL_2(2:0)
(unused)
(unused)
PWM_AZP_2
PWM_HS_2
0x13(C)
TM_SEL_2(4:0)
0x14
AI_LOWER_2(15:8)
0x15
AI_LOWER_2(7:0)
0x16
AI_UPPER_2(15:8)
0x17
AI_UPPER_2(7:0)
0x18
EN_CH_STAT_2S(3:0)
EN_CH_STAT_2P(3:0)
0x19
SPIKE_FIL_2(3:0)
DIG_FIL_2(3:0)
Digital filter setting
0x1B
FIL_ITP_1
FIL_HB_1
FIL_ITP_2
FIL_HB_2
SPV_INT
0x1F
ST_VPD
ST_VPA
ST_VBG
ST_PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com