Electronic Components Datasheet Search
  English  ▼

X  

IC-GD Datasheet(PDF) 47 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 47 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 43Page - IC-Haus GmbH IC-GD Datasheet HTML 44Page - IC-Haus GmbH IC-GD Datasheet HTML 45Page - IC-Haus GmbH IC-GD Datasheet HTML 46Page - IC-Haus GmbH IC-GD Datasheet HTML 47Page - IC-Haus GmbH IC-GD Datasheet HTML 48Page - IC-Haus GmbH IC-GD Datasheet HTML 49Page - IC-Haus GmbH IC-GD Datasheet HTML 50Page - IC-Haus GmbH IC-GD Datasheet HTML 51Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 47/55
Register CNT_RAR_x resets the counter when reach-
ing the reference value. The reference value as such is
not reached.
CNT_RAR_x
LK - P
RW - 0
1
Activates the counter reset when the reference value
is reached
Table 54: Reset at reference
Register CNT_DNU_x enables switching the counting
direction. This function is supported by the following
modes:
• Single: Pulse counter
• Dual: Pulse counter with trigger
• Dual: Pulse counter with reset
• Dual: Pulse counter with gate
CNT_DNU_x
LK - P
RW - 0
0
up (where available)
1
down (where available)
Table 55: Counting direction
Register CNT_CBE_x is relevant for all counter modes
that count pulses, both in single and dual mode. It en-
ables selecting whether only one type of edge (rising or
falling) or both are counted. In the first case, the edge
is selected via register DIO_INV_x.
CNT_CBE_x
LK - P
RW - 0
0
Only one type of edge is counted (rising or falling, cf.
DIO_INV_x)
1
Both edges are counted (rising and falling)
Table 56: Edges
Register CNT_E2R_1 is implemented only for the first
channel. The first counter can be compared with both
reference values and the equality is indicated via the
respective status bit. This is possible both in single
and in dual mode. The possibility to prevent several
interrupts via register CNT_DCB_1 remains for both
comparisons separately.
This mode is not possible if the second counter is in
PWM mode, since the reference register is required
there. The second counter can be operated as a clas-
sic counter, with the restriction that its reference register
can be used twice but can only have one value. The
second channel can carry out every function without
restriction.
CNT_E2R_1
LK - P
RW - 0
1
Additionally acativates the comparison of the first
counter with a second reference value
Table 57: Second reference
CNT_SEL_x in single-Mode
LK - P
RW - 000
000
Pulse counter
001
Time measurement period
010
Time measurement pulse width
011
PWM (output)
Table 58: Mode selection in single-mode
CNT_SEL_x in dual-mode
LK - P
RW - 000
000
Pulse counter with trigger
001
Pulse counter with reset
010
Pulse counter with gate
011
Pulse counter with direction signal
100
Time-measurement edge between channel 1 and 2
101
Incremental encoder single
110
Incremental encoder dual
111
Incremental encoder quadruple
Table 59: Mode selection in dual-mode
CNT_DUAL_1
LK - P
RW - 0
1
Activates the dual-mode: both inputs combined
control one counter; to be configured for channel 1;
both channels must be configured as counters
Table 60: Selection single-/dual-mode
Counter PWM
The following registers refer to the function of the
counter in PWM mode. This register block shares its
functions with other modes. It is only valid if the PWM
counter is also selected in register IO_SEL_xP.
PWM_HS_x
LK - P
RW - 0
0
LOW-SPEED MODE, see Tab. 75
1
HIGH-SPEED MODE, see Tab. 75
Table 61: Selection low-speed/high-speed
Register PWM_AZP_x enables the activation pulse of
the PWM. When switching on the PWM, a (usually) long
activation pulse is generated before the PWM starts.
An inversion at the input and output is still possible.
PWM_AZP_x
LK - P
RW - 0
1
PWM generates an activation pulse
Table 62: PWM activation pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com