Electronic Components Datasheet Search
  English  ▼

X  

IC-GD Datasheet(PDF) 14 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 14 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 10Page - IC-Haus GmbH IC-GD Datasheet HTML 11Page - IC-Haus GmbH IC-GD Datasheet HTML 12Page - IC-Haus GmbH IC-GD Datasheet HTML 13Page - IC-Haus GmbH IC-GD Datasheet HTML 14Page - IC-Haus GmbH IC-GD Datasheet HTML 15Page - IC-Haus GmbH IC-GD Datasheet HTML 16Page - IC-Haus GmbH IC-GD Datasheet HTML 17Page - IC-Haus GmbH IC-GD Datasheet HTML 18Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 14/55
ELECTRICAL CHARACTERISTICS
Operating conditions: VB = 14.5...16 V, VNB = -15 V ±1 V, VDA = 18...36 V or VDA = VB, VCC = 3.3...5 V ±5%, RREF = 20 kΩ ±0.1% TK5,
Tj = -20...105 °C, if not otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
N05 Verr()
Gain-Error Current-Measurement
Digital Output Hi-Side or Lo-Side
driver
Measurement Range |0...200 mA|,
%FS ˆ= 200 mA
-10
10
%FS
N06 Verr()
Gain-Error Current-Measurement
Digital Output Hi-Side or Lo-Side
driver
Measurement Range |200...500 mA|,
%FS ˆ= 500 mA
-10
10
%FS
N07 Tct
Conversion Rate
One channel
30
kHz
Two channels
15
kHz
Three channels
10
kHz
Four channels
7.5
kHz
Five channels
6
kHz
All analog channels count (inputs, outputs,
PT-elements count double) as well as diagnos-
tics measurement
D/A-Converter
O01 R()
Resolution
14
Bit
O02 Offerr()U
Offset-Error Voltage Output
Tj = 25 °C, input: 0x0000
-0.015
0.015
%FS
Tj = -20...100 °C, input: 0x0000
-0.03
0.03
%FS
Tj = -20...120 °C, input: 0x0000
-0.06
0.06
%FS
O03 Tc()off
Temperature-Coefficient Off-
set-Error
Tj = 100...120 °C, referenced to 100 °C,
input: 0x0000
-0.0015
0.0015 %FS/°C
O04 Gainerr()U Gain-Error Voltage Output
Tj = 25 °C, input: 0xE000, 0x1FFF
-0.025
0.025
%FS
Tj = -20...100 °C, input: 0xE000, 0x1FFF
-0.07
0.07
%FS
Tj = -20...120 °C, input: 0xE000, 0x1FFF
-0.14
0.14
%FS
O05 Tc()gain
Temperature-Coefficient Gain-Er-
ror
Tj = 100...120 °C, referenced to 100 °C,
input: 0xE000, 0x1FFF
-0.0035
0.0035 %FS/°C
O06 Offerr()I
Offset-Error Current Output
Range 1...3, Tj = 25 °C, input: 0x0000
-0.06
0.06
%FS
Range 1...3, Tj = -20...100 °C, input: 0x0000
-0.12
0.12
%FS
Range 1...3, Tj = -20...120 °C, input: 0x0000
-0.24
0.24
%FS
Range 4, Tj = 25 °C, input: 0x0000
0
0.6
%FS
Range 4, Tj = -20...100 °C, input: 0x0000
0
0.6
%FS
Range 4 Tj = -20...120 °C, input: 0x0000
0
1.0
%FS
O07 Tc()off
Temperature-Coefficient
Offset-Error Current Output
Range 1...3, Tj = 100...120 °C,
referenced to 100 °C, input: 0x0000
-0.006
0.006 %FS/°C
Range 4, Tj = 100...120 °C,
referenced to 100 °C, Eingang: 0x0000
0
0.02
%FS/°C
O08 Gainerr()I
Gain-Error Current Output
Range 1...3, Tj = 25 °C, input: 0x3FFF
-0.14
0.14
%FS
Range 1...3, Tj = -20...100 °C, input: 0x3FFF
-0.28
0.28
%FS
Range 1...3, Tj = -20...120 °C, input: 0x3FFF
-0.56
0.56
%FS
Range 4, Tj = 25 °C, input: 0x3FFF
-0.6
0
%FS
Range 4, Tj = -20...100 °C, input: 0x3FFF
-0.6
0
%FS
Range 4, Tj = -20...120 °C, input: 0x3FFF
-1.0
0
%FS
O09 Tc()gain
Temperature-Coefficient
Gain-Error Current Output
Range 1...3, Tj = 100...120 °C,
referenced to 100 °C, input: 0x3FFF
-0.014
0.014 %FS/°C
Range 4, Tj = 100...120 °C,
referenced 100 °C, input: 0x3FFF
-0.02
0
%FS/°C
O10 DNL
Differential Nonlinearity
-0.25
0.25
LSB
O11 Tcr
Conversion Rate
One channel
30
kHz
Two channels
15
kHz
Three channels
10
kHz
Four channels
7.5
kHz
Five channels
6
kHz
All analog channels count (inputs, outputs,
PT-elements count double) as well as diagnos-
tics measurement
O12 Tov()U
Overshoot
-2
2
%FS
O13 Tov()I
-1
1
%FS
O14 Tsu
Settling Time
to > 99% full-scale
20
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com