Electronic Components Datasheet Search
  English  ▼

X  

IC-GD Datasheet(PDF) 8 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 8 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 4Page - IC-Haus GmbH IC-GD Datasheet HTML 5Page - IC-Haus GmbH IC-GD Datasheet HTML 6Page - IC-Haus GmbH IC-GD Datasheet HTML 7Page - IC-Haus GmbH IC-GD Datasheet HTML 8Page - IC-Haus GmbH IC-GD Datasheet HTML 9Page - IC-Haus GmbH IC-GD Datasheet HTML 10Page - IC-Haus GmbH IC-GD Datasheet HTML 11Page - IC-Haus GmbH IC-GD Datasheet HTML 12Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 8/55
ELECTRICAL CHARACTERISTICS
Operating conditions: VB = 14.5...16 V, VNB = -15 V ±1 V, VDA = 18...36 V or VDA = VB, VCC = 3.3...5 V ±5%, RREF = 20 kΩ ±0.1% TK5,
Tj = -20...105 °C, if not otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
SPI Interface
501 fscl
Maximum Permissible Clock
Frequency I2C
100
kHz
502 fclk
Maximum Permissible Clock
Frequency SPI
Internal oscillator calibrated
12.5
MHz
503 fclk_na
Maximum Permissible Clock
Frequency SPI
Internal oscillator not calibrated
6.0
MHz
504 tCL
Minimum Time SCLK low
Low defined by TTL threshold Vt()lo
32.5
ns
505 tCH
Minimum Time SCLK high
High defined by TTL threshold Vt()hi
22
ns
506 tSU
Setup Time: SDI valid before
SCLK → low
Validity defined by Vt()lo or Vt()hi
3
ns
507 tH
Hold Time: SDI valid to SCLK →
low
Validity defined by Vt()lo or Vt()hi
15
ns
508 tPOmin
Output Delay SDO → valid to
SCLK → high
Validity defined by Vs()lo or Vs()hi,
CL(SDO) ≤ 30 pF
0
ns
509 tPOmax
Output Delay SDO → valid to
SCLK → high
Validity defined by Vs()lo or Vs()hi,
CL(SDO) ≤ 30 pF
30
ns
510 tPOT
Output Delay SDO → tri-state to
NCS → high
50
ns
511 tCSU
Setup Time: NCS → low before
SCLK → low
Internal oscillator calibrated
50
ns
512 tCSU_na
Setup-Time: NCS → low before
SCLK → low
Internal oscillator not calibrated
75
ns
513 tCSH
Hold Time: NCS → high to SCLK
→
high
Internal oscillator calibrated
200
ns
514 tCSH_na
Hold Time: NCS → high to SCLK
→
high
Internal oscillator not calibrated
300
ns
515 tD
Minimum Time NCS high
hi defined by TTL threshold Vt()hi,
internal oscillator calibrated
100
ns
516 tD_na
Minimum Time NCS high
hi defined by TTL threshold Vt()hi,
internal oscillator not calibrated
150
ns
5 V Regulator VPA, VPD
601 V(VPA)
Voltage at VPA
CVPA = 100 nF, bandgap calibrated
5
5.25
5.5
V
602 Isc(VPA)
Short-Circuit Current from VPA
VPA = 0 V
-100
-10
mA
603 VtUlo
Lower Undervoltage Threshold
VPA
3.5
4
V
604 VtUhi
Upper Undervoltage Threshold
VPA
4.4
4.75
V
605 VtUhys
Hysteresis Undervoltage VPA
200
400
800
mV
606 V(VPD)
Voltage at VPD
CVPD = 100 nF, bandgap calibrated
5
5.25
5.5
V
607 Isc(VPD)
Short-Circuit Current from VPD
VPD = 0 V
-120
-15
mA
608 VtUlo
Lower Undervoltage Threshold
VPD
3.3
3.8
V
609 VtUhi
Upper Undervoltage Threshold
VPD
4.2
4.6
V
610 VtHys
Hysteresis Undervoltage VPD
200
400
800
mV
Voltage Monitor VB, VNB, VCC, VDA
701 Vt(VB)lo
Lower Undervoltage Threshold
VB
12.6
13.3
V
702 Vt(VB)hi
Upper Undervoltage Threshold
VB
13.9
14.4
V
703 V(VB)hys
Hysteresis Undervoltage VB
VBhys = Vt(VB)hi − Vt(VB)lo
200
500
800
mV
704 Vt(VNB)lo Upper Undervoltage Threshold
VNB
-13
-12.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com