Electronic Components Datasheet Search
  English  ▼

X  

IC-GD Datasheet(PDF) 26 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 26 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 22Page - IC-Haus GmbH IC-GD Datasheet HTML 23Page - IC-Haus GmbH IC-GD Datasheet HTML 24Page - IC-Haus GmbH IC-GD Datasheet HTML 25Page - IC-Haus GmbH IC-GD Datasheet HTML 26Page - IC-Haus GmbH IC-GD Datasheet HTML 27Page - IC-Haus GmbH IC-GD Datasheet HTML 28Page - IC-Haus GmbH IC-GD Datasheet HTML 29Page - IC-Haus GmbH IC-GD Datasheet HTML 30Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 26/55
CALIBRATION
Bandgap
The adjustable on-chip, second-order temperature-com-
pensated bandgap is the voltage reference of the iC-GD.
For adjusting the voltage reference, the parameter with
the lowest temperature coefficient is calculated. This
value is calculated during the production process and
stored on-chip (OTP). It can be overwritten by a value
stored in the external EEPROM. A bandgap voltage
voltage that is too low is indicated in the supervisory
register SPV_INT.
Bias
The reference current of the iC-GD is generated by
an external resistor, RREF, between the pins RP and
RN. To achieve a high accuracy of the current out-
puts, a resistor with a low temperature coefficient is
required. The absolute value is not critical, but must
not exceed ±1% to remain within the calibration range
of the current outputs. The current in the resistor is
monitored and the status is indicated in the supervisory
register SPV_REG. When leaving the tolerance range,
it switches to an on-chip generated current. To prevent
voltage drop on the supply line and bond wire at pin RN,
this pin must not be connected externally to ground.
Clock
An adjustable, internal oscillator generates a 2 MHz
clock with a low temperature coefficient. A PLL multi-
plies this by the factor of 8 for use as the µC system
clock. This PLL is also monitored and its status sig-
nalled in the supervisory register SPV_INT.
Calibration
The required calibration values can be transferred to
the iC-GD in two different ways:
1. The calibration values are written via I2C directly
into the EEPROM. These changes are not directly
transfered to the chip and require a restart (chang-
ing the mode will only be sufficed for calibration
data that is reloaded selectively on demand i.e.
AGIAmx, AGFnx, AOFnx).
2. The calibration values are written directly into the
on-chip registers via SPI. Since these registers
are not accessible in regular operation, the cali-
bration mode must be activated. After all required
calibration data have been calculated, they are
also written into the EEPROM.
Calibration mode is activated by the register
SPI_LOCK_RESET. If calibration mode is active, the
internal register addresses used for the SPI communi-
cation differ partly from the valid addresses. If registers
other than the calibration registers must be used, cali-
bration mode must be deactivated again by the register
SPI_LOCK_RESET. The remaining opcodes, including
those for the transmission of process data, remain fully
functional. Table 17 shows the valid internal addresses
for calibration mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com