Electronic Components Datasheet Search
  English  ▼

X  

IC-GD Datasheet(PDF) 11 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 11 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 7Page - IC-Haus GmbH IC-GD Datasheet HTML 8Page - IC-Haus GmbH IC-GD Datasheet HTML 9Page - IC-Haus GmbH IC-GD Datasheet HTML 10Page - IC-Haus GmbH IC-GD Datasheet HTML 11Page - IC-Haus GmbH IC-GD Datasheet HTML 12Page - IC-Haus GmbH IC-GD Datasheet HTML 13Page - IC-Haus GmbH IC-GD Datasheet HTML 14Page - IC-Haus GmbH IC-GD Datasheet HTML 15Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 11/55
ELECTRICAL CHARACTERISTICS
Operating conditions: VB = 14.5...16 V, VNB = -15 V ±1 V, VDA = 18...36 V or VDA = VB, VCC = 3.3...5 V ±5%, RREF = 20 kΩ ±0.1% TK5,
Tj = -20...105 °C, if not otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
C06 Ipd()
Pull-down Current
Type 1, V() > 15...30 V, DI_SEL_x = 01
0.2
1
mA
Type 1, V() > 30...36 V, DI_SEL_x = 01
0.4
6
mA
Type 2, V() > 11...30 V, DI_SEL_x = 10
4
6
mA
Type 2, V() > 30...36 V, DI_SEL_x = 10
4
8
mA
Type 3, V() > 11...30 V, DI_SEL_x = 11, default
(after startup)
0.2
1
mA
Type 3, V() > 30...36 V, DI_SEL_x = 11, default
(after startup)
0.4
6
mA
C07 Ipd()
Pull-down Current
Type 1, V() > 15..30 V, DI_SEL_x = 01
2
2.8
6
mA
Type 1, V() > 30...36 V, DI_SEL_x = 01
2
8
mA
Type 2, V() > 11...30 V, DI_SEL_x = 10
6
7
10
mA
Type 2, V() > 30...36 V, DI_SEL_x = 10
6
12
mA
Type 3, V() > 11...30 V, DI_SEL_x = 11, default
(after startup)
2
2.8
6
mA
Type 3, V() > 30...36 V, DI_SEL_x = 11, default
(after startup), external LED connected at Pin
LED to GND or Pin LED connected to GND
2
8
mA
C08 Ipd()
Pull-down Current
Type 1, V() = 5..15 V, DI_SEL_x = 01
1.5
6
mA
Type 2, V() = 5..11 V, DI_SEL_x = 10
5
10
mA
Type 3, V() = 5..11 V, DI_SEL_x = 11, default
(after startup)
1.5
6
mA
C09 Vpd()
Pull-down Voltage
Type 1..3, I() = 100 µA, DI_SEL_x = 01, 10, 11
3
V
C10 Ipd()
Pull-down Current
V() = 5...11 V, no supply voltage VDA
2
15
mA
V() > 11...30 V, no supply voltage VDA
2
8
mA
V() > 30..36 V, no supply voltage VDA
2
10
mA
additionally Item No. E05 applies, if an LED at
pin LED vs. GNDP is connected or pin LED is
connected to GNDP
C11 f()max
Maximum Input Frequency
150
kHz
LED Output LEDx x = 1, 2
E01 Vo()lo
Open-loop Voltage lo at LEDx
Digital input: V(IAx) < 5 V,
digital output: V(IAx) < 2.2 V
0
0.2
V
E02 Vo()hi
Open-loop Voltage hi at LEDx
Digital input: V(IAx) < 11 V,
digital output: V(IAx) > VDA − 2.2 V
3.5
8.5
V
E03 Vs()lo
Saturation Voltage lo at LEDx
I(LEDx) = 5 mA,
digital input: V(IAx) = 0...5 V,
digital output: V(IAx) = 0...2.2 V
0
0.2
0.4
V
E04 Isc()hi
Short-Circuit Current hi from
LEDx
0 V < V(LEDx) < 3 V, type 1..3 or pull-up current
selected by DI_SEL_x,
digital input: V(IAx) > 11 V,
digital output: V(IAx) > VDA − 2.2 V
-4
-2.5
-2
mA
E05 Isc()hi
Short-Circuit Current hi from
LEDx
No supply voltage,
digital input: 0 V < V(LEDx) < 3 V, V(IAx) > 11 V
-7
-3.5
-1.8
mA
E06 Isc()lo
Short-Circuit Current lo in LEDx
V(LEDx) = 0.5...4 V,
digital input: V(IAx) = 0...5 V,
digital output: V(IAx) = 0...2.2 V
10
100
mA
Analog Outputs IAx, UPx, UNx, UIx, x = 1, 2
I01
Vo()
Voltage-Output Range at UPx,
UNx
Voltage output configuration, I(UPx) = ±10 mA
or -20...10 mA in extended current mode
(VO_EC_x = 1), after calibration
-10.5
10.499
V
I02
Io(UPx)hi
Short-Circuit Current hi
Voltage output configuration, UPx = VNB
-16
-13
-10.5
mA
I03
Io(UPx)hi
Short-Circuit Current hi
Voltage output configuration, UPx = VNB,
extended current range (VO_EC_x = 1)
-30
-25
-21
mA
I04
Io(UPx)lo
Short-Circuit Current lo
Voltage output configuration, UPx = VB
10.5
13
16
mA
I05
Vs(UNx)lo Saturation Voltage lo at UNx
I(UNx) = 21.5 mA
0
0.9
1.5
V
I06
Vs(UNx)lo Saturation Voltage lo at UNx
I(UNx) = -21.5 mA
-1.5
-0.8
0
V
I07
Isc(UNx)lo Short-Circuit Current in UNx
vs. GNDP, V(UNx) = 2...40 V, T < Toff2
22
28
35
mA
I08
Isc(UNx)lo Short-Circuit Current in UNx
vs. GNDP, V(UNx) = -40...-2 V, T < Toff2
-100
-40
-22
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com