Electronic Components Datasheet Search
  English  ▼

X  

IC-GD Datasheet(PDF) 36 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 36 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 32Page - IC-Haus GmbH IC-GD Datasheet HTML 33Page - IC-Haus GmbH IC-GD Datasheet HTML 34Page - IC-Haus GmbH IC-GD Datasheet HTML 35Page - IC-Haus GmbH IC-GD Datasheet HTML 36Page - IC-Haus GmbH IC-GD Datasheet HTML 37Page - IC-Haus GmbH IC-GD Datasheet HTML 38Page - IC-Haus GmbH IC-GD Datasheet HTML 39Page - IC-Haus GmbH IC-GD Datasheet HTML 40Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 36/55
BBBB
lmy
BBBB
RES
CNTlh5:By
CNTl,h:h6y
REFlh5:By
REFl,h:h6y
Counter
Reserved
t
H
t
ges
Register
Description
Power7on
UserPinit
Operation
BBBB
BBBB
BBBB
BBB,
BBB5
DO
PIN
BBBh
CNTlh5:By
instantly
instantly
periodPcomplete
Data
Output
PWM w/o activation pulse
CNTlh5:By
CNTl,h:h6y
REFlh5:By
REFl,h:h6y
Counter
t
AZP
t
ges
Register
Description
Power7on
UserPinit
Operation
BBBB
BBBB
BBB7
BBB5
DO
PIN
CNTlh5:By
instantly
Data
Output
PWM with activation pulse
t
H
BBBB
BBB,
BBBB
t
AZP
±hLSB
t
H
t
ges
lmyPChangesPpossibleZPtogetherPwithPCNTlh5:ByPonlyZPinstantPeffect
instantly
t
H
t
ges
Figure 6: Register interpretation and PWM modes
MIXED OPERATION
Provided that functions do not overlap, two operating
modes can be used on one channel simultaneously.
The pins IA1 and IA2 are available as digital input or
output pins or current outputs if only the analog voltage
inputs, the voltage outputs or the current input function
at the particular channel is used. 4-wire PT temperature
sensors require a current output IAx and a differential
voltage input. A voltage output in conjunction with a
2- or 3-wire PT temperature sensor on one channel is
not possible. The counter (only available as the pri-
mary function) complies with the digital input, the PWM
complies with a digital output.
The primary function enables a fast data transfer via
SPI command. The secondary function is only able to
transfer data via register access and therefore is slower.
The following table shows all possible operating modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com