Electronic Components Datasheet Search
  English  ▼

X  

IC-GD Datasheet(PDF) 24 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 24 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 20Page - IC-Haus GmbH IC-GD Datasheet HTML 21Page - IC-Haus GmbH IC-GD Datasheet HTML 22Page - IC-Haus GmbH IC-GD Datasheet HTML 23Page - IC-Haus GmbH IC-GD Datasheet HTML 24Page - IC-Haus GmbH IC-GD Datasheet HTML 25Page - IC-Haus GmbH IC-GD Datasheet HTML 26Page - IC-Haus GmbH IC-GD Datasheet HTML 27Page - IC-Haus GmbH IC-GD Datasheet HTML 28Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 24/55
Description of the data in the EEPROM
In the register AOGVsxl, the LSBs of each 9 bit register
AGVP1, AGVN1, AGVP2, and AGVN2 are organized
as follows:
AGVP1 = AGVP1h & Bit3 (AOGVsxl)
AGVN1 = AGVN1h & Bit2 (AOGVsxl)
AGVP2 = AGVP2h & Bit1 (AOGVsxl)
AGVN2 = AGVN2h & Bit0 (AOGVsxl)
In addition, the register AOGVsxl contains the register
AOV as follows:
AOV = Bit6:4 (AOGVsxl)
The register AITKQ_AOCT is divided as follows:
AITKQ = Bit7:5 (AITKQ_AOCT)
AOCT = Bit4:0 (AITKQ_AOCT)
Description m
A
Current output 0...20 mA
B
Current output 4...20 mA
C
Current output 0...2.0 mA ( ˆ= PT100)
D
Current output 0...200 µA ( ˆ= PT1000)
Table 14: Description m (Tab. 16)
Description n
A
Voltage input ±10 V
B
Voltage input ±1 V
C
Voltage input ±100 mV
D
Voltage input ±10m V
E
Voltage input -17.5...87.5 mV
F
Voltage input -4.375...21.875 mV
G
Current input -20...20 mA
H
Current input 4...20 mA
Table 15: Description n (Tab. 16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com