Electronic Components Datasheet Search
  English  ▼

X  

IC-GD Datasheet(PDF) 17 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 17 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 13Page - IC-Haus GmbH IC-GD Datasheet HTML 14Page - IC-Haus GmbH IC-GD Datasheet HTML 15Page - IC-Haus GmbH IC-GD Datasheet HTML 16Page - IC-Haus GmbH IC-GD Datasheet HTML 17Page - IC-Haus GmbH IC-GD Datasheet HTML 18Page - IC-Haus GmbH IC-GD Datasheet HTML 19Page - IC-Haus GmbH IC-GD Datasheet HTML 20Page - IC-Haus GmbH IC-GD Datasheet HTML 21Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 17/55
EXTERNAL CIRCUITRY
uProcessor
ROM
V
T
LUT
Counter
2x32 bit
PWM Generator
2x32 bit
Universal Dual IO-Interface
& Test
Digital Filter
iC-GD
do not
5 V Regulator
3.3V
Voltage
VPH/VREF Buffer
Chip temperature
- Measurement
Current Output
I/O Channel 1
Monitoring
Clock Generation
Data sync
Start-up
I2C
-15V
15V
24V
connect!
0.1%
+
low TK
SPI
Bias
Production
- Monitoring
Voltage Output
Push-Pull Driver
Digital Input
Voltage Input
Current Input
U
I
I/O Channel 2
Diagnostics
14bit-SAR
TOK2
LED2
UP2
UI2
VPD
VCC
VB
SYNC1
SYNC2
IA1
LED1
UP1
UI1
TEST
GNDP
GNDA
GNDL
NCS
SCLK
SDI
NIRQ
RDY
NRES
VREF
VPA
RP
CLK
RN
UN1
VDA
VNB
VRPH
SCL
SDA
ADR
CT(7:0)
UN2
IA2
SDO
TOK1
>130
CVPD1
1nF
CVPD2
100nF
+
++
-
CVB2
1μF
CVB1
100nF
CVPA
100nF
CVR
10μF
CVCC2
1μF
CVNB2
1μF
100nF
100nF
CVDA1
CVCC1
100nF
CVDA2
20K
3.3K
RSCL
RSDA
3.3K
100nF
CVNB1
RREF
VNB
REF
REF
VCC
VDA
VB
C
>130
1nF
CVPD1
100nF
CVPD2
1μF
CVB2
100nF
CVB1
CVNB1
100nF
20K
RREF
RSCL
3.3K
3.3K
RSDA
CVDA1
100nF
100nF
CVCC1
10μF
CVDA2
1μF
CVCC2
1μF
CVNB2
CVPA
100nF
CVR
100nF
Figure 1: Typical external circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com