Electronic Components Datasheet Search
  English  ▼

X  

IC-GD Datasheet(PDF) 40 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 40 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 36Page - IC-Haus GmbH IC-GD Datasheet HTML 37Page - IC-Haus GmbH IC-GD Datasheet HTML 38Page - IC-Haus GmbH IC-GD Datasheet HTML 39Page - IC-Haus GmbH IC-GD Datasheet HTML 40Page - IC-Haus GmbH IC-GD Datasheet HTML 41Page - IC-Haus GmbH IC-GD Datasheet HTML 42Page - IC-Haus GmbH IC-GD Datasheet HTML 43Page - IC-Haus GmbH IC-GD Datasheet HTML 44Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 40/55
OPCODE-BASED DATA
PROCESS_DATA_x
The register PROCESS_DATA_x is controlled via the
opcode and therefore does not contain a register ad-
dress itself.
The meaning and length of the opcode complies with
the selected mode of the IO_SEL_x register and other
involved registers if applicable. The register can trans-
mit 32-bit, 16-bit, and 8-bit data and optionally can be
switched off entirely. It contains the data of the primary
channels.
PROCESS_DATA_x (DI)
P
R - /
bit 6:0
0000000
bit 7
Digital input after spike filter, optionally inverted
Table 24: Process data primary channel in DI mode
PROCESS_DATA_x (DO/PWM)
P
RW - 0x00
bit 6:0
0000000
bit 7 OUT
Output, depending on DO_SEL, optionally inverted:
PUSH-PULL: Output bit
LOW-SIDE: 0 = line low (driver active)
HIGH-SIDE: 1 = line high (driver active)
bit 7 IN(*)
Reading of the physical line: digital input after spike
filter, optionally inverted
Table 25: Process data primary channel in DO mode
(*) No overlapping since there are different byes when
writing and reading back.
PROCESS_DATA_x (VI/CI)
P
R - /
bit 15:0
Analog input value, see Tab. 5
Table 26: Process data primary channel in VI/CI mode
PROCESS_DATA_x (VO/CO)
P
W - 0x0000
bit 1:0
Unused
bit 15:2
Analog output value, see Tab. 7
Table 27: Process data primary channel in VO/CO
mode
PROCESS_DATA_x (CNT)
P
R(*) - 0x0000
0000
bit 31:0
Counter value (1 LSB = 125 ns)
Table 28: Process data primary channel in CNT mode
(*) Setting of the counter possible via register communi-
cation.
PROCESS_DATA_x (TM)
P
R - /
bit 15:0
Temperature, see Tab. 10
Table 29: Process data primary channel in TM mode
CH_STAT_REG
The register CH_STAT_REG is controlled directly via
the opcode and therefore does not contain a register
address.
The states of both primary channels and other sta-
tus bits are stored in this register. The states of the
channels depend on the selected mode (IO_SEL_xP)
and can be activated via the EN_CH_STAT_xP register.
When reading, the bits are reset automatically.
Note that bit 2, 3, 4, 5, and 6 can only be (de-)activated
together because they are controlled by the same bit
of the EN_CH_STAT_xP register. They assume their
status independently though. In the following tables this
is marked by horizontal lines.
Figure 7 explains the connection between the regis-
ters CH_STAT, SPV_REG, IRQ_FLAG_REG, and their
enable registers.
CH_STAT_REG
P+
R+RST - 0x0000
bit 6:0
CH_STAT_1P, see Table 31 to 37
bit 7
CH_STAT_12S_SUM – Sum of CH_STAT_1S and
CH_STAT_2S
bit 14:8
CH_STAT_2P, see Table 31 to 37
bit 15
SPV_REG_SUM – Sum of SPV_REG
Table 30: Channel status register
CH_STAT_x (DI)
P
R+RST -
0000000
bit 0
Mapping of digital input to spike filter and optional
invertion (*)
bit 6
1 = Overcurrent UNx
Table 31: CH_STAT_x in DI mode
(*) When bit ENDOSC_x is activated, the output of the
comparator that is also available for SPI is mapped
instead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com