Electronic Components Datasheet Search
  English  ▼

X  

IC-GD Datasheet(PDF) 50 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 50 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 46Page - IC-Haus GmbH IC-GD Datasheet HTML 47Page - IC-Haus GmbH IC-GD Datasheet HTML 48Page - IC-Haus GmbH IC-GD Datasheet HTML 49Page - IC-Haus GmbH IC-GD Datasheet HTML 50Page - IC-Haus GmbH IC-GD Datasheet HTML 51Page - IC-Haus GmbH IC-GD Datasheet HTML 52Page - IC-Haus GmbH IC-GD Datasheet HTML 53Page - IC-Haus GmbH IC-GD Datasheet HTML 54Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 50/55
AI_LOWER_x
LK-PS
RW - 0x8000
bits 15:0
Lower limit (last valid value)
Table 71: Lower limit
AI_UPPER_x
LK-PS
RW - 0x7FFF
bits 15:0
Upper limit (last valid value)
Table 72: Upper limit
SPV_INT
Register SPV_INT monitors the internal status. In case
of an error, the relevant bit is set to ’1’ and remains
set until the register is read via SPI. The register is
shown in figure 7. It is not linked to the others registers
though.
SPV_INT
/
R - 0x00
ST_PLL
Status PLL
ST_VBG
Status band-gap voltage VBG
ST_VPA
Status internal supply voltage VDP
ST_VPD
Status internal supply voltage VPD
Table 73: Internal monitor bits status
SET_CNT_x
Register SET_CNT_x enables setting the particular
counter to a specific value. Via the register communica-
tion, the register can be set both in single or continuous
mode. When writing the last register byte, the written
16/32-bit-wide word is taken as a whole. In regular
counter modes, only setting the register as a whole is
useful. In PWM mode or with activation pulse mode,
either the entire register or only the lower half (bits 15:0)
can be set. Except for this, a partial writing of the regis-
ter is not possible. The meaning of the register depends
on the selected mode (see chapter ’Counter’).
SET_CNT_x
P
W - 0x00000000
bits 31:0
Counter value
Table 74: Set counter
REF_CNT_x
Register REF_CNT_x enables setting the counter ref-
erence value. Via the register communication, the
register can be set both in single and in continuous
mode. When writing on the last register byte, the written
16/32-bit-wide word is taken as a whole. It is possible
to set the register as a whole (bits 31:0) or to set only
the lower half (bits 15:0). In PWM mode, it is useful
to set only the lower half (bits 15:0). Except for this, a
partial writing of the register is not possible. The mean-
ing of the register depends on the selected mode (see
chapter ’Counter’).
REF_CNT_x
P
RW -
0x00000000
Bits 31:0
Reference value
Table 75: Set counter reference
Monitoring
The bits of the monitoring register signal errors of indi-
vidual supply voltages and overtemperature. In case
of an error, the relevant bit is set to ’1’ and remains set
until the register is read out via the SPI. This enables
to detect voltage dips that occurred temporarily.
SPV_REG
/
R - 0x00
ST_VB
Supply voltage VB
ST_VNB
Supply voltage VNB
ST_VDA
Supply voltage VDA
ST_BIAS
Bias (RREF)
ST_CT1
Chip temperature 1 (cf. Toff1)
ST_CT2
Chip temperature 2 (cf. Toff2)
ST_CONF
Configuration (CRC error)
ST_CALIB
Configuration (CRC error)
Table 76: Supervisory bits
EN_SPV_IRQ
LK - /
RW - 0x00
EN_VB
VB monitor activation
EN_VNB
VNB monitor activation
EN_VDA
VDA monitor activation
EN_BIAS
Bias monitor activation
EN_CT1
CT1 monitor activation
EN_CT2
CT2 monitor activation
EN_CONF
Configuration monitor activation
EN_CALIB
Configuration monitor activation
Table 77: Supervisory bits activation
EN_IRQ_FLAG_REG
The bits in register EN_IRQ_FLAG_REG activate the
relevant bits in register IRQ_FLAG individually.
EN_IRQ_FLAG_REG
LK - /
RW - 0x0000
bit 15:0
Activates individual bits of register
IRQ_FLAG_REG(15:0)
Table 78: IRQ flag activation
DATA_xS
Registers DATA_xS contain data of the secondary chan-
nel. If the secondary channel operates as input, the
current values of the secondary channel can be read. If
the secondary channel operates as output, output data
can be written to the register. The communication pro-
ceeds via the regular register communication in single
or continuous mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com