Electronic Components Datasheet Search
  English  ▼

X  

IC-GD Datasheet(PDF) 43 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 43 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 39Page - IC-Haus GmbH IC-GD Datasheet HTML 40Page - IC-Haus GmbH IC-GD Datasheet HTML 41Page - IC-Haus GmbH IC-GD Datasheet HTML 42Page - IC-Haus GmbH IC-GD Datasheet HTML 43Page - IC-Haus GmbH IC-GD Datasheet HTML 44Page - IC-Haus GmbH IC-GD Datasheet HTML 45Page - IC-Haus GmbH IC-GD Datasheet HTML 46Page - IC-Haus GmbH IC-GD Datasheet HTML 47Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 43/55
REGISTER MAP
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Counter
0x20
SET_CNT_1(31:24)
0x21
SET_CNT_1(23:16)
0x22
SET_CNT_1(15:8)
0x23
SET_CNT_1(7:0)
0x24
SET_CNT_2(31:24)
0x25
SET_CNT_2(23:16)
0x26
SET_CNT_2(15:8)
0x27
SET_CNT_2(7:0)
0x28
REF_CNT_1(31:24)
0x29
REF_CNT_1(23:16)
0x2A
REF_CNT_1(15:8)
0x2B
REF_CNT_1(7:0)
0x2C
REF_CNT_2(31:24)
0x2D
REF_CNT_2(23:16)
0x2E
REF_CNT_2(15:8)
0x2F
REF_CNT_2(7:0)
General configuration
0x30
SEL_ETK
VDA_VB
EN_SS
DIS_CAL
DIS_SPI2
DIS_SPI1
EN_SPI_WD
EN_UCM
EN_SPV_IRQ
0x31
EN_CALIB
EN_CONF
EN_CT2
EN_CT1
EN_BIAS
EN_VDA
EN_VNB
EN_VB
Interrupt enable
0x32
EN_IRQ_FLAG_REG(15:8)
0x33
EN_IRQ_FLAG_REG(7:0)
Secondary channel data
0x34
DATA_1S(15:8)
0x35
DATA_1S(7:0)
0x36
DATA_2S(15:8)
0x37
DATA_2S(7:0)
Watchdog
0x38
WATCHDOG(7:0)
SPI_LOCK, software reset
0x39
SPI_LOCK_RESET(7:0)
Cold-junction temperature
0x3A
TEMP_KSK(15:8)
0x3B
TEMP_KSK(7:0)
Chip temperature
0x3C
CHIP_TEMP(7:0)
Diagnostics measurements
0x3D
EN_DIAG
DIAG_SEL_CH(3:0)
0x3E
DIAG(13:6)
0x3F
DIAG(5:0)
Write EEPROM configuration
0x40
WR_EEPROM_CONF(7:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com