Electronic Components Datasheet Search
  English  ▼

X  

IC-GD Datasheet(PDF) 16 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 16 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 12Page - IC-Haus GmbH IC-GD Datasheet HTML 13Page - IC-Haus GmbH IC-GD Datasheet HTML 14Page - IC-Haus GmbH IC-GD Datasheet HTML 15Page - IC-Haus GmbH IC-GD Datasheet HTML 16Page - IC-Haus GmbH IC-GD Datasheet HTML 17Page - IC-Haus GmbH IC-GD Datasheet HTML 18Page - IC-Haus GmbH IC-GD Datasheet HTML 19Page - IC-Haus GmbH IC-GD Datasheet HTML 20Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 16/55
ELECTRICAL CHARACTERISTICS
Operating conditions: VB = 14.5...16 V, VNB = -15 V ±1 V, VDA = 18...36 V or VDA = VB, VCC = 3.3...5 V ±5%, RREF = 20 kΩ ±0.1% TK5,
Tj = -20...105 °C, if not otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
S16 Isc()hi
Short-Circuit Current hi from
VRPH
V(VRPH) = 0 V
-20
-6.5
-2
mA
S17 Isc()lo
Short-Circuit Current lo from
VRPH
V(VRPH) = 5 V
5
17.5
40
mA
S18 V(VREF)
Voltage at VREF
VREF = VRPH − 1.33 ∗ VBG
0.8
1
1.2
V
S19 Isc()hi
Short-Circuit Current hi from
VREF
V(VREF) = 0 V
-30
-7.5
-3
mA
S20 Isc()lo
Short-Circuit Current lo from
VREF
V(VREF) = 5 V
3
12.5
30
mA
Startup Behaviour
T01 tir
Maximum Start-up-Time normal
mode
NCS at ’1’ during self-configuration phase (from
30 µs to poweron/reset, until RDY at ’1’)
40
80
ms
T02 tif
Maximum Start-up-Time fast
mode: EEPROM data will be not
read
NCS at ’0’, SCLK at ’1’ during self-configuration
phase (from 30 µs to poweron/reset, until RDY
at ’1’)
0.5
ms
T03 tix
Maximum Start-up-Time ultra fast
mode: EEPROM and zapping
data will be not read
NCS at ’0’, SCLK at ’0’ during self-configuration
phase (from 30 µs to poweron/reset, until RDY
at ’1’)
0.08
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com