Electronic Components Datasheet Search
  English  ▼

X  

IC-GD Datasheet(PDF) 51 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 51 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 47Page - IC-Haus GmbH IC-GD Datasheet HTML 48Page - IC-Haus GmbH IC-GD Datasheet HTML 49Page - IC-Haus GmbH IC-GD Datasheet HTML 50Page - IC-Haus GmbH IC-GD Datasheet HTML 51Page - IC-Haus GmbH IC-GD Datasheet HTML 52Page - IC-Haus GmbH IC-GD Datasheet HTML 53Page - IC-Haus GmbH IC-GD Datasheet HTML 54Page - IC-Haus GmbH IC-GD Datasheet HTML 55Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 51 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 51/55
Applying for modes using 16-bit wide values:
When the data is read, the lower half of the register
word is latched to ensure that a valid word is read out.
When the data is written, the word is assumed as a
whole only after transmission of the lower half.
Applying for modes using 8 bit wide values:
The values must be written or read left-aligned, i.e. only
the bits 15:8 are used.
Usually, data is formatted identically to the data of the
primary channels.
DATA_xS
S
(*) RW - 0x0000
Secondary channel data (in/out)
Table 79: Secondary channel data
EN_UCM
Via register EN_UCM, SPI communication can be se-
lected between FPGA and µC mode. In FPGA mode,
the bit is ’0’ for all iCs. In µC mode, the bit is ’0’ for all
iCs except the last iC which must be ’1’.
EN_UCM
LK - /
RW - 0
0
FPGA modus: no additional delay
1
µC mode: additional clocks
Table 80: µC mode
EN_SPI_WD
Register EN_SPI_WD activates the watchdog which is
used for SPI communication. If the watchdog is active
and no valid SPI communication takes place during a
determined period, the watchdog resets the chip. De-
tails can be found in chapter ’Startup, reset, watchdogs,
and EEPROM’.
EN_SPI_WD
LK - /
RW - 0
0
SPI watchdog inactive
1
SPI watchdog active
Table 81: SPI watchdog
DIS_SPI_x
When required, register DIS_SPI_x deactivates the pro-
cess data of the SPI communication for channel x. This
bit affects only the opcodes "Process Data 1/2/1&2". If
a channel is not used, it does not require time by setting
this bit during the SPI communication. An interesting
use is in broadcast operation with chains of iCs with
partially unused channels.
DIS_SPI_x
LK - P
RW - 0
0
Channel x active
1
Channel x inactive
Table 82: Disable SPI CH_x
DIS_CAL
When required, register DIS_CAL deactivates the cali-
bration of the chip. This register is checked only when
the chip starts up, therefore its state must be stored in
the EEPROM.
DIS_CAL
LK-PS
RW - 0
0
Calibration active
1
Calibration inactive
Table 83: Disable channel calibration
EN_SS
When required, register EN_SS activates the spectrum
spread of the internal oscillator.
EN_SS
LK - /
RW - 0
0
Spread spectrum inactive
1
Spread spectrum active
Table 84: Enable spread spectrum
VDA_VB
When the digital output is not used, register VDA_VB
enables to omit the 24 V digital supply voltage. Instead,
the analog voltage VB can be connected to the pin VDA.
In this case this bit should be set to adapt the internal
voltage monitoring accordingly.
VDA_VB
LK - /
RW - 0
0
VDA = 24 V, digital output used
1
VDA = VB, digital output not used
Table 85: VDA at VB
SEL_ETK
Register SEL_ETK selects the calibration values that
are used for the TK compensation and chip-temper-
ature calibration (ATK, AITK, and AOCT). These can
either be taken from the internal chip, if they were spec-
ified in the chip production process, or they can be
taken from the external EEPROM where they can be
specified subsequently. Independent of their use, the
values that are stored in the EEPROM are used for the
calculation of the CRC value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com