Electronic Components Datasheet Search
  English  ▼

X  

IC-GD Datasheet(PDF) 52 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 52 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 47Page - IC-Haus GmbH IC-GD Datasheet HTML 48Page - IC-Haus GmbH IC-GD Datasheet HTML 49Page - IC-Haus GmbH IC-GD Datasheet HTML 50Page - IC-Haus GmbH IC-GD Datasheet HTML 51Page - IC-Haus GmbH IC-GD Datasheet HTML 52Page - IC-Haus GmbH IC-GD Datasheet HTML 53Page - IC-Haus GmbH IC-GD Datasheet HTML 54Page - IC-Haus GmbH IC-GD Datasheet HTML 55Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 52 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 52/55
SEL_ETK
LK - /
RW - 0
0
Internal calibration values are used
1
External calibration values are used
Table 86: SEL_ETK
SPI_LOCK_RESET
Register SPI_LOCK_RESET is not a classical register.
It possesses multiple functions that can be activated by
writing keywords: When writing 0xCA, a software reset
is triggered – the chip restarts. When writing 0xA5, the
SPI access for all registers is enabled in accordance
with the register overview. Writing 0x00 (and further
bytes) disables writing access of the SPI to the configu-
ration registers marked with ’L’. After configuration, this
helps to prevent accidental writing on the configuration
registers in regular operation.
When writing 0xC5, the counter enables a one-shot
CH_STAT event (prevention of multiple interrupts at one
event). This only affects the counter if the bit CNT_DCB
is set.
Writing with 0xAA activates a special calibration mode
where registers that are usually inaccessible are addi-
tionally unlocked. In this process, the usually active
address translation is switched off so that some regis-
ters change their addresses. This function should only
be activated during calibration and only according to
the extent described in chapter ’Calibration’.
When reading, this register returns four bits of sta-
tus information. These bits are reset by read access
(RD+RST). The first status bit is set if an illegal read
access occured. The second status bit is set if an ille-
gal write access occured. This relates both to locked
registers and the access of non-existing addresses.
Note that a prefetching proceeds in mode
READ_REG_CONTINOUS. As a result, illegal read
accesses that already occur internally may be indicated
without being deliberately controlled by the SPI. The
third status bit indicates the condition of the lock.
(*) The initial state of this ’register’ depends on the va-
lidity of the configuration data. If a valid configuration is
stored in the EEPROM, the SPI is locked after starting
up the chip. If the configuration is invalid, the SPI is not
locked.
SPI_LOCK_RESET
/
RW+RST - (*)
bit 0 read
Status illegal read, 1 = detected
bit 1 read
Status illegal write, 1 = detected
bit 2 read
Status lock, 1 = locked
bit 3 read
Status calibration mode, 1 = active
bit 7:4 read
0000
0xCA write
Software reset
0xA5 write
Configuration register write enabled
0xC5 write
CNT_STAT_REARM: signle CH_STAT
counter event enabled (*)
0xAA write
Calibration mode enabled. Caution! Further
parts of the register map become invalid, see
section ’Calibration’.
0x00 write
Configuration register write disabled
Table 87: SPI lock/reset
(*) Unlocking refers to the following 4 states: overflow,
underflow, REF_1 reached, REF_2 reached.
TEMP_KSK
Register TEMP_KSK contains the cold junction tem-
perature that is necessary for the thermocouple mea-
surement. The register can be written both in single
and continuous mode. It accepts its value internally
only when the writing process of the second half is com-
pleted so that a consistent value is processed. It can
only be written to as a whole.
TEMP_KSK
P
RW - 0x0BA6
( ˆ=25°C)
bits 15:0
Cold-position temperature,
0x0000 ˆ= 0K, 1 LSB ˆ= 0.1 K
Table 88: Cold-position temperature
CHIP_TEMP
CHIP_TEMP
/
R - /
bits 7:0
Chip temperature, 0x00 ˆ= -64 °C, 1 LSB ˆ= 1 °C
Table 89: Chip temperature
EN_DIAG
Register EN_DIAG activates the diagnostic measure-
ment. The channel for analysis is selected via register
DIAG_SEL_CH. The result is continuously updated in
register DIAG_CH with an update frequency in accor-
dance with the analog output. The first valid measure-
ment value must be waited for accordingly.
EN_DIAG
/
RW - 0
1
Diagnostic modus active
Table 90: Diagnostics channel selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com