Electronic Components Datasheet Search
  English  ▼

X  

IC-GD Datasheet(PDF) 12 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 12 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 8Page - IC-Haus GmbH IC-GD Datasheet HTML 9Page - IC-Haus GmbH IC-GD Datasheet HTML 10Page - IC-Haus GmbH IC-GD Datasheet HTML 11Page - IC-Haus GmbH IC-GD Datasheet HTML 12Page - IC-Haus GmbH IC-GD Datasheet HTML 13Page - IC-Haus GmbH IC-GD Datasheet HTML 14Page - IC-Haus GmbH IC-GD Datasheet HTML 15Page - IC-Haus GmbH IC-GD Datasheet HTML 16Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 12/55
ELECTRICAL CHARACTERISTICS
Operating conditions: VB = 14.5...16 V, VNB = -15 V ±1 V, VDA = 18...36 V or VDA = VB, VCC = 3.3...5 V ±5%, RREF = 20 kΩ ±0.1% TK5,
Tj = -20...105 °C, if not otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
I09
Isc(UNx)lo Short-Circuit Current from UNx
vs. GNDP, V(UNx) = -40...-2 V, T > Toff2
-50
-1
mA
I10
Ior(IAx)
Current-Output Range
Range 1, current output configuration,
V(IAx) = 0...12 V, after calibration
0
20.999
mA
I11
Ior(IAx)
Current-Output Range
Range 2, current output configuration,
V(IAx) = 0...12 V, after calibration
4
20.999
mA
I12
Ior(IAx)
Current-Output Range
Range 3, current output configuration,
V(IAx) = 0...12 V, after calibration
0
2.0999
mA
I13
Ior(IAx)
Current-Output Range
Range 4, current output configuration,
V(IAx) = 0...12 V, after calibration
0
209.99
µA
I14
Io(IAx)
Output Current
PT100 measurement, VDA = 24 V ±1 V,
V(IAx) = 0.1...0.64 V, after calibration
Tj = -40 °C
1.6975
1.7025
mA
Tj = 25 °C
1.6995
1.7
1.7005
mA
Tj = 100 °C
1.6975
1.7025
mA
Tj = 120 °C
1.6925
1.7075
mA
I15
Io(IAx)
Output Current
PT1000 measurement, VDA = 24 V ±1 V,
V(IAx) = 0.1...0.64 V, after calibration
Tj = -40°C
169.75
170.25
µA
Tj = 25°C
169.95
170
170.05
µA
Tj = 100°C
169.75
170.25
µA
Tj = 120°C
169.25
170.75
µA
I16
Ir(IAx,UIx) Output Current-Ratio
PT 3-wire measurement,
V(IAx) − V(UIx) = 0...1 V
0.99
1
1.02
I17
Ilor(IAx)
Load Regulation
Output current range 1 to 3, V() = 0...10 V
-0.1
0.1
%FS
Output current range 4, V() = 0...10 V
-0.15
0.15
%FS
Output current range 4, V() = 0.1...0.64 V
-0.1
0.1
%FS
I18
Vto()hi
Upper Trigger Threshold hi at IAx,
UIx
Current output configuration,
Vto()hi = VB − V(IAx), three-terminal mode:
Vto()hi = VB − V(UIx)
1.6
1.9
2.2
V
I19
Vtu()hi
Lower Trigger Threshold hi at IAx,
UIx
Current output configuration,
Vtu()hi = VB − V(IAx), three-terminal mode:
Vto()hi = VB − V(UIx)
1.8
2.2
2.6
V
I20
Vhys()hi
Hysteresis Trigger Threshold hi
at IAx, UIx
Vhys,hi = Vto()hi − Vtu()hi
100
300
600
mV
I21
C
Permissible Capacitor at IAx,
UPx, UIx, UNx
Voltage output configuration
1
µF
I22
L
Permissible Inductor at IAx, UIx
Current output configuration
10
mH
VRP Reference Voltage
J01 V(VRP)ab Calibration Accuracy of Voltage
Reference VRP
vs. VRN, VRPnom = 5.25 V
-0.02
0.02
%
J02 Ioff
Calibration Accuracy of Current
Output (offset, 4 mA)
Bandgap calibrated, RREF = 20 kΩ ±0.1%,
Inom = 4 mA
-0.05
0.05
%
J03 Igain
Calibration Accuracy of Current
Output (gain, 21 mA)
Bandgap calibrated, RREF = 20 kΩ ±0.1%,
Inom = 21 mA
-0.05
0.05
%
Analog Inputs UPx, UNx, UIx, x = 1, 2
M01 Vm()U1
Permissible Voltage Range
Measurement range 1, after calibration
-10.5
10.499
V
M02 Vm()U2
Permissible Voltage Range
Measurement range 2, after calibration
-1.05
1.0499
V
M03 Vm()U3
Permissible Voltage Range
Measurement range 3, after calibration
-105
104.99
mV
M04 Vm()U4
Permissible Voltage Range
Measurement range 4, after calibration
-10.5
10.499
mV
M05 Vm()U5
Permissible Voltage Range
Measurement range 5, after calibration
-17.5
87.5
mV
M06 Vm()U6
Permissible Voltage Range
Measurement range 6, after calibration
-4.375
21.875
mV
M07 Vm()I1
Permissible Current Range
Measurement range 1, after calibration
-21
20.999
mA
M08 Vm()I2
Permissible Current Range
Measurement range 2, after calibration
-13
20.999
mA
M09 Ri()U
Input Resistor between UP1 and
UI1 or UP2 and UI2
Voltage input configuration
10
15
20
MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com