Electronic Components Datasheet Search
  English  ▼

X  

IC-GD Datasheet(PDF) 54 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 54 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 47Page - IC-Haus GmbH IC-GD Datasheet HTML 48Page - IC-Haus GmbH IC-GD Datasheet HTML 49Page - IC-Haus GmbH IC-GD Datasheet HTML 50Page - IC-Haus GmbH IC-GD Datasheet HTML 51Page - IC-Haus GmbH IC-GD Datasheet HTML 52Page - IC-Haus GmbH IC-GD Datasheet HTML 53Page - IC-Haus GmbH IC-GD Datasheet HTML 54Page - IC-Haus GmbH IC-GD Datasheet HTML 55Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 54 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 54/55
Feedback opcode I2C status
/
R - undef
0x00
Communication ended successful
0x01
Communication running
0x03
Communication failed
Table 98: Opcode I2C status
Revision and identification
Register REV contains the hardware revision number
of the iC, beginning with 1. The registers LOT, WAFER
and CHIP set up a unique identification number defined
during chip production.
REV
/
R - /
bits 7:0
Hardware revision number
Table 99: Revision number
LOT
/
R - /
bits 7:0
Lot number
Table 100: Lot number
WAFER
/
R - /
bits 4:0
Wafer number
Table 101: Wafer number
CHIP
/
R - /
bits 10:0
Chip number
Table 102: Chip number
WATCHDOG
Register WATCHDOG provides information on the
cause of the last reset. If all bits are 0, the iC restarted
because of a power-on reset. Otherwise, exactly one
bit is set according to table 103. Details can be found
in chapter ’Startup, Reset, Watchdogs, and EEPROM’.
WATCHDOG
/
R - 0x0
bit 0
NRES pin
bit 1
SW reset
bit 2
SPI watchdog
bit 3
µP watchdog
Table 103: Watchdog
CH_STAT_xS
Register CH_STAT_xS contains the status bits of the
secondary channel. The meaning of the bits depends
on the selected mode IO_SEL_xS. The meaning is
identical with the meaning of the primary channel.
CH_STAT_xS
S
R - 0000000
bits 6:0
see Tab. 31 to 37
Table 104: Secondary channel status register
iC-Haus expressly reserves the right to change its products and/or specifications. An Infoletter gives details as to any amendments and additions made to the
relevant current specifications on our internet website www.ichaus.com/infoletter and is automatically generated and shall be sent to registered users by email.
Copying – even as an excerpt – is only permitted with iC-Haus’ approval in writing and precise reference to source.
The data specified is intended solely for the purpose of product description and shall represent the usual quality of the product. In case the specifications contain
obvious mistakes e.g. in writing or calculation, iC-Haus reserves the right to correct the specification and no liability arises insofar that the specification was from
a third party view obviously not reliable. There shall be no claims based on defects as to quality in cases of insignificant deviations from the specifications or in
case of only minor impairment of usability.
No representations or warranties, either expressed or implied, of merchantability, fitness for a particular purpose or of any other nature are made hereunder
with respect to information/specification or the products to which information refers and no guarantee with respect to compliance to the intended use is given. In
particular, this also applies to the stated possible applications or areas of applications of the product.
iC-Haus products are not designed for and must not be used in connection with any applications where the failure of such products would reasonably be
expected to result in significant personal injury or death (Safety-Critical Applications) without iC-Haus’ specific written consent. Safety-Critical Applications
include, without limitation, life support devices and systems. iC-Haus products are not designed nor intended for use in military or aerospace applications or
environments or in automotive applications unless specifically designated for such use by iC-Haus.
iC-Haus conveys no patent, copyright, mask work right or other trade mark right to this product. iC-Haus assumes no liability for any patent and/or other trade
mark rights of a third party resulting from processing or handling of the product and/or any other use of the product.
Software and its documentation is provided by iC-Haus GmbH or contributors "AS IS" and is subject to the ZVEI General Conditions for the Supply of Products
and Services with iC-Haus amendments and the ZVEI Software clause with iC-Haus amendments (www.ichaus.com/EULA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com