Electronic Components Datasheet Search
  English  ▼

X  

IC-GD Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 6 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 2Page - IC-Haus GmbH IC-GD Datasheet HTML 3Page - IC-Haus GmbH IC-GD Datasheet HTML 4Page - IC-Haus GmbH IC-GD Datasheet HTML 5Page - IC-Haus GmbH IC-GD Datasheet HTML 6Page - IC-Haus GmbH IC-GD Datasheet HTML 7Page - IC-Haus GmbH IC-GD Datasheet HTML 8Page - IC-Haus GmbH IC-GD Datasheet HTML 9Page - IC-Haus GmbH IC-GD Datasheet HTML 10Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 6/55
ELECTRICAL CHARACTERISTICS
Operating conditions: VB = 14.5...16 V, VNB = -15 V ±1 V, VDA = 18...36 V or VDA = VB, VCC = 3.3...5 V ±5%, RREF = 20 kΩ ±0.1% TK5,
Tj = -20...105 °C, if not otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001 VB
Permissible Supply Voltage
Referenced to GNDP
14.5
15
16
V
002 I(VB)
Supply Current in VB
No load, configuration as digital IO, current
output (DI, DO, CO)
8
11
14
mA
No load, configuration as voltage/current input
(VI, CI)
12
16.5
18
mA
No load, both channels configured as voltage
output (VO)
14
18
22
mA
003 VNB
Permissible Supply Voltage
Referenced to GNDP
-16
-15
-14
V
004 I(VNB)
Supply Current in VNB
No load
-10
-5
-2
mA
No load, both channels configured as voltage
outputs
-16
-10
-4
mA
005 VCC
Permissible Supply Voltage
Referenced to GNDL
3.135
3.3
5.25
V
006 I(VCC)
Supply Current in VCC
No load, VCC = 3.3 V
2
5
6
mA
No load, VCC = 5 V
4
9
12
mA
007 VDA
Permissible Supply Voltage
Referenced to GNDP, VDA not connected to
VB
18
36
V
008 VDA
Permissible Supply Voltage
Referenced to GNDP, VDA connected to VB
14.5
16
V
009 I(VDA)
Supply Current in VDA
No load, VDA not connected to VB
0.2
0.6
2
mA
010 I(VDA)
Supply Current in VDA
No load, VDA connected to VB;
Configuration as DI, DO, CO
9
12
15
mA
Configuration as VI, CI
13
16.5
19
mA
Both channels configured as VO with supply
current in VB (Item No. 002)
15
19
23
mA
011 Vc()lo
Clamp Voltage lo at RP, RN, SCL,
SDA, NCS, ADR2, ADR1, ADR0,
SCLK, SDI, SDO, IRQ, GNDA,
VB, VCC, LED1, LED2, SYNC1,
SYNC2, TEST, NRES, RDY,
GNDL, VRPH, VREF
vs. GNDP, I() = -10 mA
-1.2
-0.3
V
012 Vc()lo
Clamp Voltage lo at VNB
vs. GNDP, I() = -2 mA
-36
-18
V
013 Vc()lo
Clamp Voltage lo at VDA, IAx,
UPx, UIx, UNx
vs. GNDP, I(VDA) = -3 mA, I(IAx) = -12 mA,
I(UPx) = -3 mA, I(UIx) = -6 mA, I(UNx) = -3 mA
-60
-46
V
014 Vc()lo
Clamp Voltage lo at VDA
vs. IAx, I() = -5 mA
-60
-46
V
015 Vc()lo
Clamp Voltage lo at VDA, IA1x,
UPx, UIx
vs. VB, I(VDA) = -5 mA, I(IAx) = -12 mA,
I(UPx, UIx) = -3 mA
-60
-46
V
016 Vc()lo
Clamp Voltage lo at UPx, UIx
vs. VNB, I() = -4 mA
-60
-46
V
017 Vc()hi
Clamp Voltage hi at VNB
vs. GNDP, I() = 2 mA
0.3
1.2
V
018 Vc()hi
Clamp Voltage hi at RP, RN, SCL,
SDA, NCS, ADR2, ADR1, ADR0,
SCLK, SDI, SDO, IRQ, GNDA,
VCC, LED1, LED2, SYNC1,
SYNC2, TEST, NRES, RDY,
VRPH, VREF
vs. GNDP, I() = 2 mA
6
18
V
019 Vc()hi
Clamp Voltage hi at VB
vs. GNDP, I() = 2 mA
18
36
V
020 Vc()hi
Clamp Voltage hi at VDA, IAx,
UPx, UIx, UNx
vs. GNDP;
I(VDA) = 5 mA
36
48
V
I(IAx) = 15 mA
33
48
V
I(UPx) = 4 mA, I(UIx) = 10 mA, I(UNx) = 3 mA
46
60
V
Tj = -20 °C
44
60
V
021 Vc()hi
Clamp Voltage hi at VDA
vs. IAx, I() = 2 mA
36
52
V
022 Vc()hi
Clamp Voltage hi at VDA, IA1x,
UPx, UIx
vs. GNDP;
I(VDA) = 5 mA
36
52
V
I(IAx) = 15 mA
31.5
48
V
I(UPx) = 3 mA, I(UIx) = 3 mA, VNB = 0 V
46
60
V
Tj = -20 °C
44
60
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com