Electronic Components Datasheet Search
  English  ▼

X  

IC-GD Datasheet(PDF) 15 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 15 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 11Page - IC-Haus GmbH IC-GD Datasheet HTML 12Page - IC-Haus GmbH IC-GD Datasheet HTML 13Page - IC-Haus GmbH IC-GD Datasheet HTML 14Page - IC-Haus GmbH IC-GD Datasheet HTML 15Page - IC-Haus GmbH IC-GD Datasheet HTML 16Page - IC-Haus GmbH IC-GD Datasheet HTML 17Page - IC-Haus GmbH IC-GD Datasheet HTML 18Page - IC-Haus GmbH IC-GD Datasheet HTML 19Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 15/55
ELECTRICAL CHARACTERISTICS
Operating conditions: VB = 14.5...16 V, VNB = -15 V ±1 V, VDA = 18...36 V or VDA = VB, VCC = 3.3...5 V ±5%, RREF = 20 kΩ ±0.1% TK5,
Tj = -20...105 °C, if not otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
∆Σ
A/D-Wandler
S01 R()
Resolution
14
Bit
S02 Err()U
Voltage-Measurement Error
Tj = 25 °C
-0.05
0.05
%FS
Tj = -20...100 °C
-0.15
0.15
%FS
Tj = -20...120 °C
-0.2
0.2
%FS
S03 Tc()off
Voltage-Measurement Tempera-
ture-Coefficient Error
Tj = 100...120 °C, referenced to 100 °C
-0.0025
0.0025 %FS/°C
S04 CMerr()U
Voltage-Mesurement
Common-Mode Error
Range 1
-0.04
0
0.04
%FS/V
Range 2
-0.08
0
0.08
%FS/V
Range 3
-0.20
0
0.20
%FS/V
Range 4
-0.25
0
0.25
%FS/V
Range 5
-0.20
0
0.20
%FS/V
Range 6
-0.20
0
0.20
%FS/V
S05 Err()I1
Current-Measurement Error
Range 1, Tj = 25 °C
-0.1
0.1
%FS
Range 1, Tj = -20...100 °C
-0.2
0.2
%FS
Range 1, Tj = -20...120 °C
-0.3
0.3
%FS
Range 2, Tj = 25 °C
-0.2
0.2
%FS
Range 2, Tj = -20...100 °C
-0.4
0.4
%FS
Range 2, Tj = -20...120 °C
-0.6
0.6
%FS
S06 Tc()off
Current-Measurement
Temperature-Coefficient Error
Range 1, Tj = 100...120 °C,
referenced to 100 °C
-0.005
0.005 %FS/°C
Range 2, Tj = 100...120 °C,
referenced to 100 °C
-0.01
0.01
%FS/°C
S07 CMerr()I
Current-Measurement
Common-Mode Error
Range 1
-0.08
0
0.08
%FS/V
Range 2
-0.16
0
0.16
%FS/V
S08 Err()T
Temperature-Mesurement Error
Type J, K, N, E, PTxxx, Tj = 25 °C
-0.15
0.15
%FS
Type J, K, N, E, PTxxx, Tj = -20...100 °C
-0.3
0.3
%FS
Type J, K, N, E, PTxxx, Tj = -20...120 °C
-0.5
0.5
%FS
Type R, S, B, Tj = 25 °C
-0.2
0.2
%FS
Type R, S, B, Tj = -20...100 °C
-0.4
0.4
%FS
Type R, S, B, Tj = -20...120 °C
-0.7
0.7
%FS
Type T, Tj = 25 °C
-0.3
0.3
%FS
Type T, Tj = -20...100 °C
-0.6
0.6
%FS
Type T, Tj = -20...120 °C
-1.2
1.2
%FS
S09 Tc()
Temperature-Coefficient
Temperature-Mesurement Error
Type J, K, N, E, PTxxx Tj = 100...120 °C,
referenced to 100 °C
-0.01
0.01
%FS/°C
Type R, S, B, Tj = 100...120 °C,
referenced to 100 °C
-0.015
0.015 %FS/°C
Type T, Tj = 100...120 °C,
referenced to 100 °C
-0.03
0.03
%FS/°C
S10 CMerr()T
Thermo-Couples Common-Mode
Error
Range J
-0.36
0
0.36
%FS/V
Range K
-0.43
0
0.43
%FS/V
Range T
-1.38
0
1.38
%FS/V
Range N
-0.64
0
0.64
%FS/V
Range E
-0.39
0
0.39
%FS/V
Range R
-0.65
0
0.65
%FS/V
Range S
-0.62
0
0.62
%FS/V
Range B
-0.68
0
0.68
%FS/V
S11 FIL
Filter Settings
Maximum cut-off frequency for achieving the
stated accuracy (variance of measured values
significantly smaller than permissible measure-
ment error at Tj = 25 °C)
±10 V, ±1 V, ±100 mV, ±20 mA, 4...20 mA, PTxxx
arbitrary
Hz
-17.5...87.5 mV, TE JKTNE
1000
Hz
±10 mV
250
Hz
-4.375...21.875 mV, TE RSB
125
Hz
S12 DNL
Differential Nonlinearity
-1
1
LSB
S13 INL
Integrale Nonlinearity
-1
1
LSB
S14 Tov
Overshoot
-1
1
%FS
S15 V(VRPH)
Voltage at VRPH
2.5
2.625
2.75
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com