Electronic Components Datasheet Search
  English  ▼

X  

IC-GD Datasheet(PDF) 31 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 31 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 27Page - IC-Haus GmbH IC-GD Datasheet HTML 28Page - IC-Haus GmbH IC-GD Datasheet HTML 29Page - IC-Haus GmbH IC-GD Datasheet HTML 30Page - IC-Haus GmbH IC-GD Datasheet HTML 31Page - IC-Haus GmbH IC-GD Datasheet HTML 32Page - IC-Haus GmbH IC-GD Datasheet HTML 33Page - IC-Haus GmbH IC-GD Datasheet HTML 34Page - IC-Haus GmbH IC-GD Datasheet HTML 35Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 31/55
reading and writing data via I2C, e.g. to the EEPROM,
one has to poll for the end of this process before a new
I2C communication can be started.
In addition, the SPI provides opcodes as respective
SYNC signals (edges and channels) and opcodes
for fast reading of the registers CH_STAT_REG and
IRQ_FLAG_REG. Figure 5 shows the SPI communica-
tion.
The SPI is blocked during the startup (RDY = 0). No
communication is possible during this time. In normal
operation, 30 µs after the beginning of startup at the
latest (usually with the rising edge of NRES), NCS must
be high. Otherwise the iC performs a quickstart that
skips reading the EEPROM and the internal calibration
data. In this case, both CRC error bits are set (see
chapter Calibration).
Figure 3 shows the SPI timing. The given times are
listed under operating conditions.
Figure 4 shows by way of example a daisy chain of
three iCs with five active channels that are controlled by
a µC. The input data noted above the iCs are sampled
with the falling edge at NCS for all iCs simultaneously
and then clocked out via SPI. The output data written
by the SPI is noted below the iCs and is also output
simultaneously with the rising edge at NCS for all iCs
(for analog outputs: subsequently with the next refresh-
cycle).
SCLK
SDI
SDO
NCS
t
CSU
t
CL
t
CSH
t
D
t
H
t
SU
t
POmax
t
POT
t
POmin
t
POmax
t
CL
t
PO
t
SU
ASIC n
ASIC n+1
VT()hi
VT()lo
t
CH
Daisy chain example
Figure 3: SPI-Timing
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com