Electronic Components Datasheet Search
  English  ▼

X  

IC-GD Datasheet(PDF) 25 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 25 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 21Page - IC-Haus GmbH IC-GD Datasheet HTML 22Page - IC-Haus GmbH IC-GD Datasheet HTML 23Page - IC-Haus GmbH IC-GD Datasheet HTML 24Page - IC-Haus GmbH IC-GD Datasheet HTML 25Page - IC-Haus GmbH IC-GD Datasheet HTML 26Page - IC-Haus GmbH IC-GD Datasheet HTML 27Page - IC-Haus GmbH IC-GD Datasheet HTML 28Page - IC-Haus GmbH IC-GD Datasheet HTML 29Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 25/55
Name
Description
Default value
Digit
Interpretation/correction faktor
ATK
Bandgap temperature coef-
ficient
0x40
unsigned
1 LSB ≈ -0.6...-0.2 mV (non-linear)
AITKL,
AITKQ
Current measurement (lin-
ear, square) temperature
coefficients
0x00
unsigned
1 +
AITKL ∗ CHIP_TEMP
218
−
AITKQ ∗ CHIP_TEMP2
222
AOCT
Chip temperature offset
0b00000
signed (2 K)
1 LSB = 1 K
AOSZ
Oscillator offset,
left-aligned (i.e. 0xFE in
EEPROM)
0x7F
Bit 6 = sign
Bit 5:0 = value
1 +
AOSZ
c1
, c1 = 192 for AOSZ ≥ 0
1
1 − AOSZ
c2
, c2 = 180 for AOSZ < 0
AGVPx Positive voltage output
gain
0x100
unsigned
RG
RA
+ 0.5
RG
RA
+ AGVPx
29
,
RG
RA
= 19.2
AGVNx Negative voltage output
gain
0x100
unsigned
RG
RA
+ 0.5
RG
RA
+ AGVNx
29
,
RG
RA
= 19.2
AOIAx
Current output 4...20 mA
offset
0x80
unsigned
RG
RA
+ 0.5
RG
RA
+ AOIAx
28
,
RG
RA
= 15.5
AOV
Voltage output offset
(valid for CH_1 and CH_2)
0b000
unsigned
1 LSB = 1.28 mV
AGIAmx Current output gain,
for m see Tab. 14, minus
offset at 4...20 mA
0x80
unsigned
RG
RA
+ 0.5
RG
RA
+ AGIAmx
28
,
RG
RA
= 16.6
AGFnx
Voltage/current input gain,
for n see Tab. 15
0xDE7A
signed (2 K)
X = 1.5 +
AGFnx
215
∗
X′ + AOFnx
AOFnx
Voltage/current input off-
set,
for n see Tab. 15
0x0000
signed (2 K)
(see AGFnx)
Table 16: Description of EEPROM data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com