Electronic Components Datasheet Search
  English  ▼

X  

AD7761 Datasheet(PDF) 37 Page - Analog Devices

Part # AD7761
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD7761 Datasheet HTML 33Page - Analog Devices AD7761 Datasheet HTML 34Page - Analog Devices AD7761 Datasheet HTML 35Page - Analog Devices AD7761 Datasheet HTML 36Page - Analog Devices AD7761 Datasheet HTML 37Page - Analog Devices AD7761 Datasheet HTML 38Page - Analog Devices AD7761 Datasheet HTML 39Page - Analog Devices AD7761 Datasheet HTML 40Page - Analog Devices AD7761 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 76 page
background image
AD7761
Data Sheet
Rev. A | Page 36 of 75
SPI Reset Configuration
After a power-on or reset, the AD7761 default configuration is set
to the following low current consumption settings:
•
Low power mode with MCLK/32.
•
Interface configuration of DCLK = MCLK/8, header
output enabled, and CRC disabled.
•
Filter configuration of Channel Mode A and Channel Mode B
is set to sinc5 and decimation = ×1024. Channel mode
select is set to 0x00, and all channels are assigned to
Channel Mode A.
•
Channel configuration of Channel 0 to Channel 7 is enabled,
with the analog input buffers enabled. The reference precharge
buffers are disabled. The offset, gain, and phase calibration
are set to the zero position.
•
Continuous conversion mode is enabled.
SPI CONTROL FUNCTIONALITY
SPI control offers the superset of flexibility and diagnostics to
the user. The following sections highlight the functionality and
diagnostics offered when SPI control is used.
After any change to these configuration register settings, the
user must provide a sync signal to the AD7761 through either
the SPI_SYNC command, or by applying the appropriate pulse
to the START pin or SYNC_IN pin to ensure that the configuration
changes are applied correctly to the ADC and digital filters.
Channel Configuration
The AD7761 has eight fully differential analog input channels.
The channel configuration registers allow the channels to be
individually configured to adapt to the measurement required
on that channel. Channels can be enabled or disabled using the
channel standby register, Register 0x00. Analog input and
reference precharge buffers can be assigned per input terminal.
Gain, offset, and phase calibration can be controlled on a per
channel basis using the calibration registers. See the Per
Channel Calibration Gain, Offset, and Sync Phase section for
more information.
Channel Modes
In SPI control mode, the user can set up two channel modes,
Channel Mode A (Register 0x01), and Channel Mode B
(Register 0x02). Each channel mode register can have a specific
filter type and decimation ratio. Using the channel mode select
register (Register 0x03), the user can assign each channel to either
Channel Mode A or Channel Mode B, which maps that mode to
the required ADC channels. These modes allow different filter
types and decimation rates to be selected and mapped to any of the
ADC channels.
When different decimation rates are selected on different channels,
the AD7761 outputs a data ready signal at the fastest selected
decimation rate. Any channel that runs at a lower output data rate
is updated only at that slower rate. In between valid result data, the
data for that channel is set to zero and the repeated data bit is set in
the header status bits to distinguish it from a real conversion result
(see the ADC Conversion Output: Header and Data section for
more information).
On the AD7761, consider Channel Mode A as the primary group.
In this respect, it is recommended that there always be at least one
channel assigned to Channel Mode A. If all eight channels of the
AD7761 are assigned to Channel Mode B, conversion data is not
output on the data interface for any of the channels.
Table 21. Channel Mode A/Channel Mode B, Register 0x01
and Register 0x02
Bits
Bit Name
Setting
Description
Reset
Access
3
FILTER_TYPE_x
Filter output
0x1
RW
0
Wideband filter
1
Sinc5 filter
[2:0]
DEC_RATE_x
Decimation rate
0x5
RW
000 to
101
×32 to ×1024
Table 22. Channel Mode Selection, Register 0x03
Bits
Bit Name
Setting
Description
Reset
Access
[7:0]
CH_x_MODE
Channel x
0x0
RW
0
Mode A
1
Mode B
Reset over SPI Control Interface
Two successive commands must be written to the AD7761 data
control register to initiate a full reset of the device over the SPI
interface. This action fully resets all registers to the default
conditions. Details of the commands and their sequence are
shown in Table 40.
After a reset over the SPI control interface, the AD7761 responds
to the first command sent to the device with 0x0E00. This
response, in addition to the fact that all registers have assumed
their default values, indicates that the software reset succeeded.
Sleep Mode
Sleep mode puts the AD7761 into its lowest power mode. In
sleep mode, all ADCs are disabled and a large portion of the digital
core is inactive.
The AD7761 SPI remains active and is available to the user when in
sleep mode. Write to Register 0x04, Bit 7 to exit sleep mode. For
the lowest power consumption, select the sinc5 filter before
entering sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com