Electronic Components Datasheet Search
  English  ▼

X  

AD7761 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7761
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7761 Datasheet HTML 19Page - Analog Devices AD7761 Datasheet HTML 20Page - Analog Devices AD7761 Datasheet HTML 21Page - Analog Devices AD7761 Datasheet HTML 22Page - Analog Devices AD7761 Datasheet HTML 23Page - Analog Devices AD7761 Datasheet HTML 24Page - Analog Devices AD7761 Datasheet HTML 25Page - Analog Devices AD7761 Datasheet HTML 26Page - Analog Devices AD7761 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 76 page
background image
AD7761
Data Sheet
Rev. A | Page 22 of 75
INPUT VOLTAGE (V)
–VREF
0V
+VREF
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
FAST
MEDIAN
FOCUS
Figure 23. INL Error vs. Input Voltage
INPUT VOLTAGE (V)
–VREF
0V
+VREF
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
+25°C
0°C
+85°C
+105°C
–40°C
Figure 24. INL Error vs. Input Voltage for Various Temperatures,
Fast Mode
0
2000
4000
6000
8000
10000
12000
14000
16000
18000
OFFSET ERROR (LSB)
Figure 25. Offset Error Distribution (Approximately 2500 Devices Sampled)
0
5
10
15
20
25
30
35
GAIN ERROR ( LSB)
+105°C
+25°C
–40°C
Figure 26. Gain Error Distribution (100 Devices Sampled)
0
5
10
15
20
25
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
GAIN ERROR (LSB)
Figure 27. Channel to Channel Gain Error Matching (100 Devices Sampled)
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
10
100
1k
10k
100k
1M
10M
INPUT FREQUENCY (Hz)
Figure 28. AC CMRR vs. Input Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com