Electronic Components Datasheet Search
  English  ▼

X  

AD7761 Datasheet(PDF) 48 Page - Analog Devices

Part # AD7761
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761 Datasheet(HTML) 48 Page - Analog Devices

Back Button AD7761 Datasheet HTML 44Page - Analog Devices AD7761 Datasheet HTML 45Page - Analog Devices AD7761 Datasheet HTML 46Page - Analog Devices AD7761 Datasheet HTML 47Page - Analog Devices AD7761 Datasheet HTML 48Page - Analog Devices AD7761 Datasheet HTML 49Page - Analog Devices AD7761 Datasheet HTML 50Page - Analog Devices AD7761 Datasheet HTML 51Page - Analog Devices AD7761 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 76 page
background image
Data Sheet
AD7761
Rev. A | Page 47 of 75
Modulator Chopping Frequency
Figure 67 plots two scenarios that relate to the chopping frequency
of the AD7761 modulator.
The AD7761 uses a chopping technique in the modulator similar
to that of a chopped amplifier to remove offset, offset drift, and
1/f noise. The AD7761 default chopping rate is fMOD/32. In pin
control mode, the chop frequency is hardwired to fMOD/32. In
SPI control mode, the user can select the chop frequency to be
either fMOD/32 or fMOD/8.
As shown in Figure 67, the stop band rejection of the digital
filter is reduced at frequencies that relate to even multiples of
the chopping frequency (fCHOP). All other out of band frequencies
(excluding those already discussed relating to the modulator
clock frequency, fMOD) are rejected by the stop band attenuation
of the digital filter. An out of band tone with a frequency in the
range of (2 × fCHOP ) ± f3dB, where f3dB is the filter bandwidth
employed, is attenuated to the envelope determined by the chop
frequency setting (see Figure 67), and aliased into the pass
band. Out of band tones near additional even multiples of fCHOP
(that is, N × fCHOP, where N is an even integer), are attenuated
and aliased in the same way.
Chopping at fMOD/32 offers the best performance for noise,
offset, and offset drift for the AD7761.
For ac performance it may be useful to select chopping at fMOD/8
as this moves the first chopping tone to a higher frequency.
However, chopping at fMOD/8 may lead to slightly degraded
noise (approximately 1 dB loss in dynamic range) and offset
performance compared to the default chop rate of fMOD/32.
Table 28 shows the aliasing achieved by different order anti-
aliasing filter options at the critical frequencies of fMOD/32 and
fMOD/8 for chop aliasing, fMOD/16 for modulator saturation, and
2 × fMOD for the first zone with 0 dB attenuation. It assumes the
corner frequency of the antialiasing filter is at fMOD/64, which is
just above the maximum input bandwidth that the AD7761
digital filter can pass when using a decimate by 32 filter setting.
Table 28. External Antialiasing Filter Attenuation
RC Filter
fMOD/32
(dB)
fMOD/16
(dB)
fMOD/8
(dB)
2 × fMOD
(dB)
First Order
−6
−12
−18
−42
Second Order
−12
−24
−36
−84
Third Order
−18
−36
−54
−126
Modulator Saturation Point
A Σ-Δ modulator can be considered a standard control loop,
employing negative feedback. The control loop works to ensure
that the average processed error signal is very small over time. It
uses an integrator to remember preceding errors and force the
mean error to be zero. As the input signal rate of change increases
with respect to the modulator clock, fMOD, a larger voltage feedback
error is processed. Above a certain frequency, the error begins
to saturate the modulator.
For the AD7761, the modulator may saturate for full-scale input
frequencies greater than fMOD/16 (as shown in Figure 68),
depending on the rate of change of input signal, input signal
amplitude, and reference input level. A half power input tone at
fMOD/8 can also cause the modulator to saturate. In applications
where there may be high amplitude and frequency out of band
tones, a first-order antialiasing filter is required with a −3 dB
corner frequency set at fMOD/16 to protect against modulator
saturation. For example, if operating the AD7761 at full speed
and using a decimation rate of ×32 to achieve an output data
rate of 256 kSPS, the modulator rate is equal to 8.192 MHz. In
this instance, to protect against saturation, set the antialiasing
filter −3 dB corner frequency to 512 kHz.
3
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
0.0004
0.004
fIN/fMOD
0.04
0.4
MAX SIGNAL
FIRST ORDER (
fMOD/64)
Figure 68. Maximum Input Signal vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com