Electronic Components Datasheet Search
  English  ▼

X  

AD7761 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7761
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7761 Datasheet HTML 21Page - Analog Devices AD7761 Datasheet HTML 22Page - Analog Devices AD7761 Datasheet HTML 23Page - Analog Devices AD7761 Datasheet HTML 24Page - Analog Devices AD7761 Datasheet HTML 25Page - Analog Devices AD7761 Datasheet HTML 26Page - Analog Devices AD7761 Datasheet HTML 27Page - Analog Devices AD7761 Datasheet HTML 28Page - Analog Devices AD7761 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 76 page
background image
AD7761
Data Sheet
Rev. A | Page 24 of 75
–160
–140
–120
–100
–80
–60
–40
–20
0
0
1
2
3
4
5
6
NORMALIZED INPUT FREQUENCY (
fIN/fODR)
RESOLUTION LIMIT = –110dB
Figure 35. Sinc5 Filter Profile, Amplitude vs. fIN/fODR
0
5
10
15
20
25
30
SAMPLES
–4
–3
–2
–1
0
1
2
3
4
5
AINx
DOUTx
10000
0
20000
30000
40000
50000
60000
70000
Figure 36. Step Response, Sinc5 Filter
–40
–30
–20
–10
0
10
20
30
40
50
60
–
40
25
105
TEMPERATURE (°C)
COMMON-MODE COMPONENT, NO PRECHARGE (µA/V)
DIFFERENTIAL COMPONENT, NO PRECHARGE (µA/V)
TOTAL CURRENT, PRECHARGE ON (µA)
Figure 37. Analog Input Current vs. Temperature, Analog Input Precharge
Buffers On/Off
–80
–70
–60
–50
–40
–30
–20
–10
0
–40
25
105
TEMPERATURE (°C)
FAST, NO PRECHARGE
MEDIAN, NO PRECHARGE
FOCUS, NO PRECHARGE
FAST WITH PRECHARGE
MEDIAN WITH PRECHARGE
FOCUS WITH PRECHARGE
Figure 38. Reference Input Current vs. Temperature, Reference Precharge
Buffers On/Off
120
100
80
60
40
20
0
2.47
2.46
2.45
2.44
2.43
2.42
VCM (V)
AVDD1 = 5V, AVSS = 0V
VCM_VSEL = 10
PART TO PART DISTRIBUTION
Figure 39. VCM Output Voltage Distribution
0
5
10
15
20
25
30
35
40
–40
–25
–10
5
20
35
50
65
80
95
110
TEMPERATURE (°C)
FOCUS
FAST
MEDIAN
Figure 40. Supply Current vs. Temperature, AVDD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com