Electronic Components Datasheet Search
  English  ▼

X  

AD7761 Datasheet(PDF) 64 Page - Analog Devices

Part # AD7761
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761 Datasheet(HTML) 64 Page - Analog Devices

Back Button AD7761 Datasheet HTML 60Page - Analog Devices AD7761 Datasheet HTML 61Page - Analog Devices AD7761 Datasheet HTML 62Page - Analog Devices AD7761 Datasheet HTML 63Page - Analog Devices AD7761 Datasheet HTML 64Page - Analog Devices AD7761 Datasheet HTML 65Page - Analog Devices AD7761 Datasheet HTML 66Page - Analog Devices AD7761 Datasheet HTML 67Page - Analog Devices AD7761 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 76 page
background image
Data Sheet
AD7761
Rev. A | Page 63 of 75
CHANNEL MODE A REGISTER
Address: 0x01, Reset: 0x0D, Name: Channel Mode A
Two mode options are available on the AD7761 ADCs. The channel modes are defined by the contents of the Channel Mode A and
Channel Mode B registers. Each mode is then mapped as desired to the required ADC channel. Channel Mode A and Channel Mode B
allow different filter types and decimation rates to be selected and mapped to any of the ADC channels.
When different decimation rates are selected, the AD7761 outputs a data ready signal at the fastest selected decimation rate. Any channel
that runs at a lower output data rate is updated only at that slower rate. In between valid result data, the data for that channel is set to zero
and the repeated data bit is set in the header status bits to distinguish it from a real conversion result (see the ADC Conversion Output:
Header and Data section).
Table 35. Bit Descriptions for Channel Mode A
Bits
Bit Name
Settings
Description
Reset
Access
3
FILTER_TYPE_A
Filter selection
0x1
RW
0
Wideband filter
1
Sinc5 filter
[2:0]
DEC_RATE_A
Decimation rate selection
0x5
RW
000
×32
001
×64
010
×128
011
×256
100
×512
101
×1024
110
×1024
111
×1024
CHANNEL MODE B REGISTER
Address: 0x02, Reset: 0x0D, Name: Channel Mode B
Table 36. Bit Descriptions for Channel Mode B
Bits
Bit Name
Settings
Description
Reset
Access
3
FILTER_TYPE_B
Filter selection
0x1
RW
0
Wideband filter
1
Sinc5 filter
[2:0]
DEC_RATE_B
Decimation rate selection
0x5
RW
000
×32
001
×64
010
×128
011
×256
100
×512
101
×1024
110
×1024
111
×1024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com