Electronic Components Datasheet Search
  English  ▼

X  

AD7761 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7761
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7761 Datasheet HTML 8Page - Analog Devices AD7761 Datasheet HTML 9Page - Analog Devices AD7761 Datasheet HTML 10Page - Analog Devices AD7761 Datasheet HTML 11Page - Analog Devices AD7761 Datasheet HTML 12Page - Analog Devices AD7761 Datasheet HTML 13Page - Analog Devices AD7761 Datasheet HTML 14Page - Analog Devices AD7761 Datasheet HTML 15Page - Analog Devices AD7761 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 76 page
background image
Data Sheet
AD7761
Rev. A | Page 11 of 75
Parameter
Description
Test Conditions/Comments
Min
Typ
Max
Unit
t9
DCLK low time DCLK = MCLK/1
50:50 CMOS clock
(tDCLK/2) − 5
tMCLK/2
tDCLK/2
ns
t9a = DCLK = MCLK/2
tMCLK
ns
t9b = DCLK = MCLK/4
2 × tMCLK
ns
t9c = DCLK = MCLK/8
4 × tMCLK
ns
t10
MCLK rising to DCLK rising
CMOS clock
30
ns
t11
Setup time of DOUT6 and DOUT7
14
ns
t12
Hold time of DOUT6 and DOUT7
0
ns
t13
START low time
1 × tMCLK
ns
t14
MCLK to SYNC_OUT valid
CMOS clock
SYNC_OUT RETIME_EN bit
disabled; measured from
falling edge of MCLK
4.5
22
ns
SYNC_OUT RETIME_EN bit
enabled; measured from
rising edge of MCLK
9.5
27.5
ns
t15
SYNC_IN setup time
CMOS clock
0
ns
t16
SYNC_IN hold time
CMOS clock
10
ns
1
These specifications are not production tested but are supported by characterization data at initial product release.
Table 3. SPI Control Interface Timing1
Parameter
Description
Test Conditions/Comments
Min
Typ
Max
Unit
t17
SCLK period
100
ns
t18
CS falling edge to SCLK rising edge
26.5
ns
t19
SCLK falling edge to CS rising edge
27
ns
t20
CS falling edge to data output enable
22.5
40.5
ns
t21
SCLK high time
20
50
ns
t22
SCLK low time
20
50
ns
t23
SCLK falling edge to SDO valid
15
ns
t24
SDO hold time after SCLK falling
7
ns
t25
SDI setup time
0
ns
t26
SDI hold time
6
ns
t27
SCLK enable time
0
ns
t28
SCLK disable time
0
ns
t29
CS high time
10
ns
t30
CS low time
fMOD = MCLK/4
1.1 × tMCLK
ns
fMOD = MCLK/8
2.2 × tMCLK
ns
fMOD = MCLK/32
8.8 × tMCLK
ns
1
These specifications are not production tested but are supported by characterization data at initial product release.
1.8 V IOVDD TIMING SPECIFICATIONS
AVDD1A = AVDD1B = 5 V, AVDD2A = AVDD2B = 5 V, IOVDD = 1.72 V to 1.88 V (DREGCAP tied to IOVDD), Input Logic 0 =
DGND, Input Logic 1 = IOVDD, CLOAD = 10 pF on DCLK pin, CLOAD = 20 pF on other digital outputs, TA = −40°C to +105°C.
Table 4. Data Interface Timing1
Parameter
Description
Test Conditions/Comments
Min
Typ
Max
Unit
MCLK
Master clock
1.15
34
MHz
fMOD
Modulator frequency
Fast mode
MCLK/4
Hz
Median mode
MCLK/8
Hz
Low power mode
MCLK/32
Hz
t1
DRDY high time
tDCLK − 10%
28
ns
t2
DCLK rising edge to DRDY rising edge
2
ns
t3
DCLK rising to DRDY falling
−4.5
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com