Electronic Components Datasheet Search
  English  ▼

X  

AD7761 Datasheet(PDF) 67 Page - Analog Devices

Part # AD7761
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761 Datasheet(HTML) 67 Page - Analog Devices

Back Button AD7761 Datasheet HTML 63Page - Analog Devices AD7761 Datasheet HTML 64Page - Analog Devices AD7761 Datasheet HTML 65Page - Analog Devices AD7761 Datasheet HTML 66Page - Analog Devices AD7761 Datasheet HTML 67Page - Analog Devices AD7761 Datasheet HTML 68Page - Analog Devices AD7761 Datasheet HTML 69Page - Analog Devices AD7761 Datasheet HTML 70Page - Analog Devices AD7761 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 76 page
background image
AD7761
Data Sheet
Rev. A | Page 66 of 75
DATA CONTROL: SOFT RESET, SYNC, AND SINGLE-SHOT CONTROL REGISTER
Address: 0x06, Reset: 0x80, Name: Data Control
Table 40. Bit Descriptions for Data Control
Bits
Bit Name
Settings
Description
Reset
Access
7
SPI_SYNC
Software synchronization of the AD7761. This command has the same
effect as sending a signal pulse to the START pin. To operate the SPI_SYNC,
the user must write to this bit two separate times. First, write a zero,
putting SPI_SYNC low, and then write a 1 to set SPI_SYNC logic high
again. The SPI_SYNC command is recognized after the last rising edge of
SCLK in the SPI instruction where the SPI_SYNC bit is changed from low to
high. The SPI_SYNC command is then output synchronous to the AD7761
MCLK on the SYNC_OUT pin. The user must connect the SYNC_OUT signal
to the SYNC_IN pin on the PCB. The SYNC_OUT pin can also be routed to
the SYNC_IN pins of other AD7761 devices, allowing larger channel count
simultaneous sampling systems. As per any synchronization pulse seen by
the SYNC_IN pin, the digital filters of the AD7761 are reset. The full settling
time of the filters must elapse before data is output on the data interface. In a
daisy-chained system of AD7761 devices, two successive synchronization
pulses must be applied to guarantee that all ADCs are synchronized. Two
synchronization pulses are also required in a system of more than one
AD7761 device sharing a single MCLK signal, where the DRDY pin of only
one device is used to detect new data.
0x1
RW
0
Change to SPI_SYNC low.
1
Change to SPI_SYNC high.
4
SINGLE_SHOT_EN
One-shot mode. Enables one-shot mode. In one-shot mode, the AD7761
outputs a conversion result in response to a SYNC_IN rising edge.
0x0
RW
0
Disabled.
1
Enabled.
[1:0]
SPI_RESET
Soft reset. These bits allow a full device reset over the SPI port. Two
successive commands must be received in the correct order to generate a
reset: first, write 0x03 to the soft reset bits, and then write 0x02 to the soft
reset bits. This sequence causes the digital core to reset and all registers
return to their default values. Following a soft reset, if the SPI master
sends a command to the AD7761, the device responds on the next frame
to that command with an output of 0x0E00.
0x0
RW
00
No effect.
01
No effect.
10
Second reset command.
11
First reset command.
INTERFACE CONFIGURATION REGISTER
Address: 0x07, Reset: 0x0, Name: Interface Configuration
Table 41. Bit Descriptions for Interface Configuration
Bits
Bit Name
Settings
Description
Reset
Access
[3:2]
CRC_SELECT
CRC select. These bits allow the user to implement a CRC on the data
interface. When selected, the CRC replaces the header every fourth or 16th
output sample depending on the CRC option chosen. There are two
options for the CRC; both use the same polynomial: x8 + x2 + x + 1. The
options offer the user the ability to reduce the duty cycle of the CRC
calculation by performing it less often: in the case of having it every 16th
sample, or more often in the case of every fourth conversion. The CRC is
calculated on a per channel basis and it includes conversion data only.
0x0
RW
00
No CRC. Status bits with every conversion.
01
Replace the header with CRC message every 4 samples.
10
Replace the header with CRC message every 16 samples.
11
Replace the header with CRC message every 16 samples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com