Electronic Components Datasheet Search
  English  ▼

X  

AD7761 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7761
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7761 Datasheet HTML 3Page - Analog Devices AD7761 Datasheet HTML 4Page - Analog Devices AD7761 Datasheet HTML 5Page - Analog Devices AD7761 Datasheet HTML 6Page - Analog Devices AD7761 Datasheet HTML 7Page - Analog Devices AD7761 Datasheet HTML 8Page - Analog Devices AD7761 Datasheet HTML 9Page - Analog Devices AD7761 Datasheet HTML 10Page - Analog Devices AD7761 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
AD7761
Data Sheet
Rev. A | Page 6 of 75
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
EXTERNAL REFERENCE
Reference Voltage
VREF = (REFx+) − (REFx−)
1
AVDD1 − AVSS
V
Absolute Reference Voltage Limits2
Precharge reference buffers off
AVSS −
0.05
AVDD1 + 0.05
V
Precharge reference buffers on
AVSS
AVDD1
V
Average Reference Current
Fast mode
Precharge reference buffers off
±72
µA/V/channel
Precharge reference buffers on
±16
µA/V/channel
Average Reference Current Drift
Fast mode
Precharge reference buffers off
±1.7
nA/V/°C
Precharge reference buffers on
±49
nA/V/°C
Common-Mode Rejection
95
dB
DIGITAL FILTER RESPONSE
Low Ripple Wideband Filter
FILTER = 0
Decimation Rate
Up to six selectable decimation rates
32
1024
Group Delay
Latency
34/ODR
sec
Settling Time
Complete settling
68/ODR
sec
Pass-Band Ripple2
±0.005
dB
Pass Band
±0.005 dB bandwidth
0.4 × ODR
Hz
−0.1 dB bandwidth
0.409 × ODR
Hz
−3 dB bandwidth
0.433 × ODR
Hz
Stop Band Frequency
Attenuation > 105 dB
0.499 × ODR
Hz
Stop Band Attenuation
105
dB
Sinc5 Filter
FILTER = 1
Decimation Rate
Up to six selectable decimation rates
32
1024
Group Delay
Latency
3/ODR
sec
Settling Time
Complete settling
7/ODR
sec
Pass Band
−3 dB bandwidth
0.204 × ODR
Hz
REJECTION
AC Power Supply Rejection Ratio
(PSRR)
VIN = 0.1 V, AVDD1 = 5 V, AVDD2 =
5 V, IOVDD = 2.5 V
AVDD1
90
dB
AVDD2
100
dB
IOVDD
75
dB
DC PSRR
VIN = 1 V
AVDD1
100
dB
AVDD2
118
dB
IOVDD
90
dB
Analog Input Common-Mode
Rejection Ratio (CMRR)
DC
VIN = 0.1 V
95
dB
AC
Up to 10 kHz
95
dB
Crosstalk
−0.5 dBFS input on adjacent channels
−120
dB
CLOCK
See the Clock Selection section for
data sheet performance functionality
Crystal Frequency
8
32.768
34
MHz
External Clock (MCLK)
32.768
MHz
Duty Cycle
50:50
%
MCLK Pulse Width2
Logic Low
12.2
ns
Logic High
12.2
ns
CMOS Clock Input Voltage
See the Logic Inputs parameter
High, VINH
Low, VINL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com