Electronic Components Datasheet Search
  English  ▼

X  

AD7761 Datasheet(PDF) 34 Page - Analog Devices

Part # AD7761
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD7761 Datasheet HTML 30Page - Analog Devices AD7761 Datasheet HTML 31Page - Analog Devices AD7761 Datasheet HTML 32Page - Analog Devices AD7761 Datasheet HTML 33Page - Analog Devices AD7761 Datasheet HTML 34Page - Analog Devices AD7761 Datasheet HTML 35Page - Analog Devices AD7761 Datasheet HTML 36Page - Analog Devices AD7761 Datasheet HTML 37Page - Analog Devices AD7761 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
Data Sheet
AD7761
Rev. A | Page 33 of 75
Setting the Decimation Rate
Pin control mode allows selection from four possible decimation
rates. The decimation rate is selected via the DEC1 and DEC0 pins.
The chosen decimation rate is used on all ADC channels. Table 15
shows the truth table for the DECx pins.
Table 15. Decimation Rate Control Pins Truth Table
DEC1
DEC0
Decimation Rate
0
0
×32
0
1
×64
1
0
×128
1
1
×1024
Operating Mode
The MODE3 to MODE0 pins determine the configuration of all
channels when using pin control mode. The variables controlled by
the MODEx pins are shown in Table 16. The user selects how
much current the device consumes, the sampling speed of the
ADC (power mode), how fast the ADC result is received by the
digital host (DCLK_DIV), and how the ADC conversion is
initiated (conversion operation). Figure 51 illustrates the inputs
used to configure the device in pin control mode.
Table 16. MODEx Pins: Variables for Control
Control Variable
Possible Settings
Sampling Speed/Power Consumption
Power Mode
Fast
Median
Low power
Data Clock Output Frequency (DCLK_DIV)
DCLK = MCLK/1
DCLK = MCLK/2
DCLK = MCLK/4
DCLK = MCLK/8
Conversion Operation
Standard conversion
One-shot conversion
The MODEx pins map to 16 distinct settings. The settings are
selected to optimize the use cases of the AD7761, allowing the
user to reduce the DCLK frequency for lower, less demanding
power modes and selecting either the one-shot or standard
conversion modes.
See Table 18 for the complete selection of operating modes that
are available via the MODEx pins in pin control mode.
The power mode setting automatically scales the bias currents
of the ADC and divides the applied MCLK signal to the correct
setting for that mode. Note that this is not the same as using SPI
control mode, where separate bit fields exist to control the bias
currents of the ADC and MCLK division.
In pin control mode, the modulator rate is fixed for each power
mode to achieve the best performance. Table 17 shows the
modulator division for each power mode.
Table 17. Modulator Rate, Pin Control Mode
Power Mode
Modulator Rate, fMOD
Fast
MCLK/4
Median
MCLK/8
Low power
MCLK/32
Diagnostics
Pin control mode offers a subset of diagnostics features. Internal
errors are reported in the status header output with the data
conversion results for each channel.
Internal cyclic redundancy check (CRC) errors, memory map
flipped bits, and external clocks not detected are reported by Bit
7 of the status header and indicate that a reset is required. The
status header also reports filter not settled, filter type, and filter
saturated signals. Users can determine when to ignore data by
monitoring these error flags. For more information on the status
header, see the ADC Conversion Output: Header and Data section.
PIN CONTROL MODE
PIN/SPI = LOW
OPTION TO
SELECT
BETWEEN FILTERS
TO DSP/
FPGA
CHANNEL STANDBY
CH 0 TO CH 3 STANDBY
CH 4 TO CH 7 STANDBY
OUTPUT DATA FORMAT
1 CHANNEL PER PIN
4 CHANNELS PER PIN
8 CHANNELS PER PIN
DECIMATION RATES
/32
/64
/128
/1024
MODE CONFIGURATION
MODE 0x0 TO MODE 0xF
SET UP VIA 4 PINS
DEC0/
DEC1
FILTER
DOUT7
DOUT1
DOUT0
FORMAT1
FORMAT0
ST1
AD7761
ST0
PIN/SPI
MODE0
MODE1
MODE2
MODE3
Figure 51. Pin Configurable Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com