Electronic Components Datasheet Search
  English  ▼

X  

AD7761 Datasheet(PDF) 52 Page - Analog Devices

Part # AD7761
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD7761 Datasheet HTML 48Page - Analog Devices AD7761 Datasheet HTML 49Page - Analog Devices AD7761 Datasheet HTML 50Page - Analog Devices AD7761 Datasheet HTML 51Page - Analog Devices AD7761 Datasheet HTML 52Page - Analog Devices AD7761 Datasheet HTML 53Page - Analog Devices AD7761 Datasheet HTML 54Page - Analog Devices AD7761 Datasheet HTML 55Page - Analog Devices AD7761 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 76 page
background image
Data Sheet
AD7761
Rev. A | Page 51 of 75
Data Interface: Standard Conversion Operation
In standard mode operation, the AD7761 operates as the master
and streams data to the DSP or FPGA. The AD7761 supplies the
data, the data clock (DCLK), and a falling edge framing signal
(DRDY) to the slave device. All of these signals are synchronous.
The data interface connections to DSP/FPGA are shown in
Figure 76. The FORMATx pins determine how the data is
output from the AD7761.
Figure 73 through Figure 75 show the data interface operating
in standard mode at the maximum data rate. In all
instances, DRDY is asserted one clock cycle before the MSB of
the data conversion is made available on the data pin.
Each DRDY falling edge starts the output of the new ADC con-
version data. The first eight bits output after the DRDY falling edge
are the header bits; the last 16 bits are the ADC conversion result.
Figure 73, Figure 74, and Figure 75 are distinct examples of the
impact of the FORMATx pins on the AD7761 output operating in
standard conversion operation.
Figure 73 to Figure 75 represent running the AD7761 at
maximum data rate for the three FORMATx options.
Figure 73 shows FORMATx = 00. Each ADC has its own data out
pin running at the MCLK/4 bit rate. In pin control mode, this is
achieved by selecting Mode 0xA (fast mode, DCLK = MCLK/4,
standard conversion, see Table 18) with the decimation rate set
as ×32.
Figure 74 shows FORMATx = 01 sharing DOUT1 at the
maximum bit rate. In pin control mode, this is achieved by
selecting Mode 0x8 (fast mode, DCLK = MCLK/1, standard
conversion) with a decimation rate of ×32.
If running in pin control mode, the example shown in Figure 75
represents Mode 0x4 (median mode, DCLK = MCLK/1,
standard conversion) with a decimation rate of ×32, giving the
maximum output data capacity possible on one DOUTx pin.
DCLK
DRDY
SAMPLE N
SAMPLE N + 1
DOUT0
DOUT1
DOUT7
Figure 73. FORMATx = 00: Each ADC Has a Dedicated Data Output Pin, Maximum Data Rate
CH0 (N)
CH1 (N)
CH2 (N)
CH3 (N)
DCLK
DRDY
DOUT0
SAMPLE N
SAMPLE N + 1
DOUT1
DOUT7
DOUT2
CH0 (N + 1)
CH1 (N + 1)
CH2 (N + 1)
CH3 (N + 1)
CH4 (N)
CH5 (N)
CH6 (N)
CH7 (N)
CH4 (N + 1)
CH5 (N + 1)
CH6 (N + 1)
CH7 (N + 1)
Figure 74. FORMATx = 01: Channel 0 to Channel 3 Share DOUT0, and Channel 4 to Channel 7 Share DOUT1, Maximum Data Rate
(DOUT6 and DOUT7 Are Inputs in This Configuration)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com