Electronic Components Datasheet Search
  English  ▼

X  

AD7761 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7761
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7761 Datasheet HTML 7Page - Analog Devices AD7761 Datasheet HTML 8Page - Analog Devices AD7761 Datasheet HTML 9Page - Analog Devices AD7761 Datasheet HTML 10Page - Analog Devices AD7761 Datasheet HTML 11Page - Analog Devices AD7761 Datasheet HTML 12Page - Analog Devices AD7761 Datasheet HTML 13Page - Analog Devices AD7761 Datasheet HTML 14Page - Analog Devices AD7761 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
AD7761
Data Sheet
Rev. A | Page 10 of 75
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Low Power
AVDD1 = 5 V, AVDD2 = IOVDD = 2.5 V,
precharge reference buffers off
65
mW
AVDD1 = 5 V, AVDD2 = IOVDD = 3.3 V,
precharge reference buffers on
95
mW
AVDD1 = 5.5 V, AVDD2 = 5.5 V,
IOVDD = 3.6 V, precharge reference
buffers off
108
mW
AVDD1 = 5.5 V, AVDD2 = 5.5 V,
IOVDD = 1.88 V, precharge
reference buffers off
94
mW
Standby Mode
All channels disabled; AVDD1 = 5 V,
AVDD2 = IOVDD = 2.5 V
14.5
mW
AVDD1 = 5 V, AVDD2 = IOVDD = 3.3 V
21
mW
AVDD1 = AVDD2 = 5.5 V, IOVDD =
3.6 V
23.5
29
mW
AVDD1 = 5.5 V, AVDD2 = 5.5 V,
IOVDD = 1.88 V
12.5
mW
Sleep Mode
Full power-down (SPI mode only);
AVDD1 = 5 V, AVDD2 = IOVDD = 2.5 V
1.8
mW
AVDD1 = 5 V, AVDD2 = IOVDD = 3.3 V
2.5
mW
AVDD1 = AVDD2 = 5.5 V, IOVDD =
3.6 V
2.7
6.5
mW
AVDD1 = 5.5 V, AVDD2 = 5.5 V,
IOVDD = 1.88 V
1.5
mW
1 The output data rate ranges refer to the programmable decimation rates available on the AD7761 for a fixed MCLK rate of 32.768 MHz. Varying MCLK rates allow users
a wider variation of ODR.
2 These specifications are not production tested but are supported by characterization data at initial product release.
3 The maximum INL specification is guaranteed by design and characterization testing prior to release. This specification is not production tested.
4 Following a system zero-scale calibration, the offset error is in the order of the noise for the programmed output data rate selected. A system full-scale calibration
reduces the gain error to the order of the noise for the programmed output data rate.
5 −25 μA is measured when the analog input is close to either the AVDD1 or AVSS rail. The input current reduces as the common-mode voltage approaches (AVDD1 −
AVSS)/2. The analog input current scales with the MCLK frequency and device power mode.
6 For lower MCLK rates or higher decimation rates, use Table 25 and Table 26 to calculate any additional delay before the first DRDY pulse.
7 The RESET pin has an internal pull-up device to IOVDD.
TIMING SPECIFICATIONS
AVDD1A = AVDD1B = 5 V, AVDD2A = AVDD2B = 5 V, IOVDD = 2.25 V to 3.6 V, Input Logic 0 = DGND, Input Logic 1 = IOVDD;
CLOAD = 10 pF on the DCLK pin, CLOAD = 20 pF on the other digital outputs; REFx+ = 4.096 V, TA = −40°C to +105°C. See Table 4 and
Table 5 for timing specifications at 1.8 V IOVDD.
Table 2. Data Interface Timing1
Parameter
Description
Test Conditions/Comments
Min
Typ
Max
Unit
MCLK
Master clock
1.15
34
MHz
fMOD
Modulator frequency
Fast mode
MCLK/4
Hz
Median mode
MCLK/8
Hz
Low power mode
MCLK/32
Hz
t1
DRDY high time
tDCLK = t8 + t9
tDCLK − 10%
28
ns
t2
DCLK rising edge to DRDY rising edge
2
ns
t3
DCLK rising to DRDY falling
−3.5
0
ns
t4
DCLK rise to DOUTx valid
1.5
ns
t5
DCLK rise to DOUTx invalid
−3
ns
t6
DOUTx valid to DCLK falling
9.5
tDCLK/2
ns
t7
DCLK falling edge to DOUTx invalid
9.5
tDCLK/2
ns
t8
DCLK high time, DCLK = MCLK/1
50:50 CMOS clock
tDCLK/2
tDCLK/2
(tDCLK/2) + 5
ns
t8a = DCLK = MCLK/2
tMCLK = 1/MCLK
tMCLK
ns
t8b = DCLK = MCLK/4
2 × tMCLK
ns
t8c = DCLK = MCLK/8
4 × tMCLK
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com