Electronic Components Datasheet Search
  English  ▼

X  

AD7761 Datasheet(PDF) 72 Page - Analog Devices

Part # AD7761
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761 Datasheet(HTML) 72 Page - Analog Devices

Back Button AD7761 Datasheet HTML 68Page - Analog Devices AD7761 Datasheet HTML 69Page - Analog Devices AD7761 Datasheet HTML 70Page - Analog Devices AD7761 Datasheet HTML 71Page - Analog Devices AD7761 Datasheet HTML 72Page - Analog Devices AD7761 Datasheet HTML 73Page - Analog Devices AD7761 Datasheet HTML 74Page - Analog Devices AD7761 Datasheet HTML 75Page - Analog Devices AD7761 Datasheet HTML 76Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 72 / 76 page
background image
Data Sheet
AD7761
Rev. A | Page 71 of 75
NEGATIVE REFERENCE PRECHARGE BUFFER ENABLE REGISTER
Address: 0x14, Reset: 0x00, Name: Negative Reference Precharge Buffer
This register turns on or off the precharge buffers on the reference negative input to each of the ADCs from Channel 0 to Channel 7.
Table 51. Bit Descriptions for Negative Reference Precharge Buffer
Bits
Bit Name
Settings
Description
Reset
7
CH7_REFN_BUF
0
Off
0x0
1
On
6
CH6_REFN_BUF
0
Off
0x0
1
On
5
CH5_REFN_BUF
0
Off
0x0
1
On
4
CH4_REFN_BUF
0
Off
0x0
1
On
3
CH3_REFN_BUF
0
Off
0x0
1
On
2
CH2_REFN_BUF
0
Off
0x0
1
On
1
CH1_REFN_BUF
0
Off
0x0
1
On
0
CH0_REFN_BUF
0
Off
0x0
1
On
OFFSET REGISTERS
The CHx_OFFSET_MSB, CHx_OFFSET_MID, and CHx_OFFSET_LSB registers are 24 bit, signed twos complement registers for channel
offset adjustment. If the channel gain setting is at its ideal nominal value of 0x555555, an LSB of offset register adjustment changes the digital
output by −1/192 LSBs. For example, changing the offset register from 0 to 4800 changes the digital output by −25 LSBs. Because offset
adjustment occurs before gain adjustment, the ratio of 1/192 changes linearly with gain adjustment via the CHx_GAIN_x registers. After a
reset or power cycle, the register values revert to the default factory setting.
Table 52. Per Channel 24-Bit Offset Registers, Three 8-Bit Registers for Each Channel, Split Up as MSB, Mid, and LSB
Address
Name
Description
Reset
Access
MSB
Mid
LSB
MSB
Mid
LSB
0x1E
0x1F
0x20
Channel 0 offset
Channel 0 offset registers: upper, middle, and lower bytes (24 bits in total)
0x00
0x00
0x00
RW
0x21
0x22
0x23
Channel 1 offset
Channel 1 offset registers: upper, middle, and lower bytes (24 bits in total)
0x00
0x00
0x00
RW
0x24
0x25
0x26
Channel 2 offset
Channel 2 offset registers: upper, middle, and lower bytes (24 bits in total)
0x00
0x00
0x00
RW
0x27
0x28
0x29
Channel 3 offset
Channel 3 offset registers: upper, middle, and lower bytes (24 bits in total)
0x00
0x00
0x00
RW
0x2A
0x2B
0x2C
Channel 4 offset
Channel 4 offset registers: upper, middle, and lower bytes (24 bits in total)
0x00
0x00
0x00
RW
0x2D
0x2E
0x2F
Channel 5 offset
Channel 5 offset registers: upper, middle, and lower bytes (24 bits in total)
0x00
0x00
0x00
RW
0x30
0x31
0x32
Channel 6 offset
Channel 6 offset registers: upper, middle, and lower bytes (24 bits in total)
0x00
0x00
0x00
RW
0x33
0x34
0x35
Channel 7 offset
Channel 7 offset registers: upper, middle, and lower bytes (24 bits in total)
0x00
0x00
0x00
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com