Electronic Components Datasheet Search
  English  ▼

X  

AD7761 Datasheet(PDF) 73 Page - Analog Devices

Part # AD7761
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761 Datasheet(HTML) 73 Page - Analog Devices

Back Button AD7761 Datasheet HTML 68Page - Analog Devices AD7761 Datasheet HTML 69Page - Analog Devices AD7761 Datasheet HTML 70Page - Analog Devices AD7761 Datasheet HTML 71Page - Analog Devices AD7761 Datasheet HTML 72Page - Analog Devices AD7761 Datasheet HTML 73Page - Analog Devices AD7761 Datasheet HTML 74Page - Analog Devices AD7761 Datasheet HTML 75Page - Analog Devices AD7761 Datasheet HTML 76Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 73 / 76 page
background image
AD7761
Data Sheet
Rev. A | Page 72 of 75
GAIN REGISTERS
Each ADC channel has an associated gain coefficient. The coefficient is stored in three single-byte registers split up as MSB, MID, and
LSB. Each of the gain registers are factory programmed. Nominally, this gain is around the value 0x555555 (for an ADC channel). The
user can overwrite the gain register setting; however, after a reset or power cycle, the gain register values revert to the hard coded
programmed factory setting.
Table 53. Per Channel 24-Bit Gain Registers, Three 8-Bit Registers for Each Channel, Split Up as MSB, Mid, and LSB
Address
Name
Description
Reset
Access
MSB
Mid
LSB
MSB
Mid
LSB
0x36
0x37
0x38
Channel 0 gain
Channel 0 gain registers: upper, middle, and lower bytes (24 bits in total)
0xXX
0xXX
0xXX
RW
0x39
0x3A
0x3B
Channel 1 gain
Channel 1 gain registers: upper, middle, and lower bytes (24 bits in total)
0xXX
0xXX
0xXX
RW
0x3C
0x3D
0x3E
Channel 2 gain
Channel 2 gain registers: upper, middle, and lower bytes (24 bits in total)
0xXX
0xXX
0xXX
RW
0x3F
0x40
0x41
Channel 3 gain
Channel 3 gain registers: upper, middle, and lower bytes (24 bits in total)
0xXX
0xXX
0xXX
RW
0x42
0x43
0x44
Channel 4 gain
Channel 4 gain registers: upper, middle, and lower bytes (24 bits in total)
0xXX
0xXX
0xXX
RW
0x45
0x46
0x47
Channel 5 gain
Channel 5 gain registers: upper, middle, and lower bytes (24 bits in total)
0xXX
0xXX
0xXX
RW
0x48
0x49
0x4A
Channel 6 gain
Channel 6 gain registers: upper, middle, and lower bytes (24 bits in total)
0xXX
0xXX
0xXX
RW
0x4B
0x4C
0x4D
Channel 7 gain
Channel 7 gain registers: upper, middle, and lower bytes (24 bits in total)
0xXX
0xXX
0xXX
RW
SYNC PHASE OFFSET REGISTERS
The AD7761 has one synchronization signal for all channels. The sync phase offset register allows the user to vary the phase delay on each
of the channels relative to the synchronization edge received on the SYNC_IN pin. See the Sync Phase Offset Adjustment section for details
on the use of this function.
Table 54. Per Channel 8-Bit Sync Phase Offset Registers
Address
Name
Description
Reset
Access
0x4E
Channel 0 sync offset
Channel 0 sync phase offset register
0x00
RW
0x4F
Channel 1 sync offset
Channel 1 sync phase offset register
0x00
RW
0x50
Channel 2 sync offset
Channel 2 sync phase offset register
0x00
RW
0x51
Channel 3 sync offset
Channel 3 sync phase offset register
0x00
RW
0x52
Channel 4 sync offset
Channel 4 sync phase offset register
0x00
RW
0x53
Channel 5 sync offset
Channel 5 sync phase offset register
0x00
RW
0x54
Channel 6 sync offset
Channel 6 sync phase offset register
0x00
RW
0x55
Channel 7 sync offset
Channel 7 sync phase offset register
0x00
RW
ADC DIAGNOSTIC RECEIVE SELECT REGISTER
Address: 0x56, Reset: 0x00, Name: Diagnostic Rx
The AD7761 ADC diagnostic allows the user to select a zero-scale, positive full-scale, or negative full-scale input to the ADC, which can
be converted to verify the correct operation of the ADC channel. This register enables the diagnostic. Enable the receive (Rx) for each
channel and set each bit in this register to 1.
The ADC diagnostic feature depends on some features of the analog input precharge buffers. The user must ensure that the analog input
precharge buffers are enabled on the channels that are selected to receive the diagnostic voltages internally.
Table 55. Bit Descriptions for Diagnostic Rx
Bits
Bit Name
Settings
Description
Reset
Access
7
CH7_RX
Channel 7
0x0
RW
0
Not in use
1
Receive
6
CH6_RX
Channel 6
0x0
RW
0
Not in use
1
Receive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com