Electronic Components Datasheet Search
  English  ▼

X  

AD7761 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7761
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761 Datasheet(HTML) 1 Page - Analog Devices

  AD7761 Datasheet HTML 1Page - Analog Devices AD7761 Datasheet HTML 2Page - Analog Devices AD7761 Datasheet HTML 3Page - Analog Devices AD7761 Datasheet HTML 4Page - Analog Devices AD7761 Datasheet HTML 5Page - Analog Devices AD7761 Datasheet HTML 6Page - Analog Devices AD7761 Datasheet HTML 7Page - Analog Devices AD7761 Datasheet HTML 8Page - Analog Devices AD7761 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
8-Channel, 16-Bit, Simultaneous Sampling
ADC with Power Scaling, 110.8 kHz BW
Data Sheet
AD7761
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Precision ac and dc performance
8-channel simultaneous sampling
256 kSPS ADC ODR per channel
97.7 dB dynamic range
110.8 kHz input bandwidth (−3 dB BW)
−120 dB THD, typical
±1 LSB INL, ±1 LSB offset error, ±5 LSB gain error
Optimized power dissipation vs. noise vs. input bandwidth
Selectable power, speed, and input bandwidth
Fast (highest speed): 110.8 kHz BW, 51.5 mW per channel
Median (half speed): 55.4 kHz BW, 27.5 mW per channel
Low power (lowest power): 13.8 kHz BW, 9.375 mW per
channel
Input BW range: dc to 110.8 kHz
Programmable input bandwidth/sampling rates
CRC error checking on data interface
Daisy-chaining
Linear phase digital filter
Low latency sinc5 filter
Wideband brick wall filter: ±0.005 dB ripple to 102.4 kHz
Analog input precharge buffers
Power supply
AVDD1 = 5 V, AVDD2 = 2.25 V to 5.0 V
IOVDD = 2.5 V to 3.3 V or IOVDD = 1.8 V
64-lead LQFP package, no exposed pad
Temperature range: −40°C to +105°C
APPLICATIONS
Data acquisition systems: USB/PXI/Ethernet
Instrumentation and industrial control loops
Audio testing and measurement
Vibration and asset condition monitoring
3-phase power quality analysis
Sonar
High precision medical electroencephalogram (EEG)/
electromyography (EMG)/electrocardiogram (ECG)
FUNCTIONAL BLOCK DIAGRAM
ADC
OUTPUT
DATA
SERIAL
INTERFACE
DIGITAL
FILTER
ENGINE
WIDEBAND
LOW RIPPLE
FILTER
SINC5
LOW LATENCY
FILTER
SPI
CONTROL
INTERFACE
1.8V
LDO
SYNC_IN
1.8V
LDO
BUFFERED
VCM
VCM
AIN1+
CH 1
AIN1–
AIN2+
CH 2
AIN2–
AIN3+
CH 3
AIN3–
AIN4+
CH 4
AIN4–
AIN5+
CH 5
AIN5–
AIN6+
CH 6
AIN6–
AIN7+
CH 7
AIN7–
AIN0+
CH 0
AIN0–
VCM
×8
PRECHARGE
REFERENCE
BUFFERS
SYNC_OUT
START
RESET
FORMAT1
FORMAT0
DRDY
DCLK
ST0/CS
PIN/SPI
ST1/SCLK
DEC0/SDO
DEC1/SDI
AVSS
XTAL2/MCLK
XTAL1
MODE3/GPIO3
TO
MODE0/GPIO0
FILTER/GPIO4
Σ-Δ
ADC
Σ-Δ
ADC
Σ-Δ
ADC
Σ-Δ
ADC
Σ-Δ
ADC
Σ-Δ
ADC
Σ-Δ
ADC
Σ-Δ
ADC
DOUT7
AVDD1A,
AVDD1B
DGND
AD7761
IOVDD
DREGCAP
REGCAPA,
REGCAPB
AVDD2A,
AVDD2B
REFx+ REFx–
OFFSET,
GAIN PHASE
CORRECTION
OFFSET,
GAIN PHASE
CORRECTION
OFFSET,
GAIN PHASE
CORRECTION
OFFSET,
GAIN PHASE
CORRECTION
OFFSET,
GAIN PHASE
CORRECTION
OFFSET,
GAIN PHASE
CORRECTION
OFFSET,
GAIN PHASE
CORRECTION
OFFSET,
GAIN PHASE
CORRECTION
DOUT1
DOUT0
DOUT2
DOUT3
DOUT4
DOUT5
DOUT6
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
×16 ANALOG INPUT
PRECHARGE BUFFERS (P)
Figure 1.


Similar Part No. - AD7761

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7761 AD-AD7761 Datasheet
1Mb / 69P
8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
REV. 0
AD7761BSTZ AD-AD7761BSTZ Datasheet
1Mb / 69P
8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
REV. 0
AD7761BSTZ-RL7 AD-AD7761BSTZ-RL7 Datasheet
1Mb / 69P
8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
REV. 0
More results

Similar Description - AD7761

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7608 AD-AD7608 Datasheet
689Kb / 32P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Analog Devices
AD7761 AD-AD7761 Datasheet
1Mb / 69P
8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
REV. 0
AD7768 AD-AD7768 Datasheet
2Mb / 99P
8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
REV. A
AD7770 AD-AD7770 Datasheet
1Mb / 94P
8-Channel, 24-Bit, Simultaneous Sampling ADC
REV. A
AD7779 AD-AD7779 Datasheet
1Mb / 97P
8-Channel, 24-Bit, Simultaneous Sampling ADC
REV. 0
AD7779 AD-AD7779_16 Datasheet
1Mb / 101P
8-Channel, 24-Bit, Simultaneous Sampling ADC
Rev. A
AD7770 AD-AD7770_17 Datasheet
2Mb / 98P
8-Channel, 24-Bit, Simultaneous Sampling ADC
Rev. C
AD7771 AD-AD7771_17 Datasheet
1Mb / 99P
8-Channel, 24-Bit, Simultaneous Sampling ADC
Rev. 0
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com