Electronic Components Datasheet Search
  English  ▼

X  

AD7761 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7761
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7761 Datasheet HTML 25Page - Analog Devices AD7761 Datasheet HTML 26Page - Analog Devices AD7761 Datasheet HTML 27Page - Analog Devices AD7761 Datasheet HTML 28Page - Analog Devices AD7761 Datasheet HTML 29Page - Analog Devices AD7761 Datasheet HTML 30Page - Analog Devices AD7761 Datasheet HTML 31Page - Analog Devices AD7761 Datasheet HTML 32Page - Analog Devices AD7761 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
AD7761
Data Sheet
Rev. A | Page 28 of 75
For example, to maximize the speed of conversion or input
bandwidth in fast mode, an MCLK of 32.768 MHz is required
and MCLK_DIV = 4 must be selected for a modulator
frequency of 8.192 MHz.
Table 9. Recommended fMOD Range for Each Power Mode
Power Mode
Recommended fMOD (MHz), MCLK = 32.768 MHz
Low Power
0.036 to 1.024
Median
1.024 to 4.096
Fast
4.096 to 8.192
Control of the settings for the power mode, the modulator
frequency, and the data clock frequency differs in pin control
mode vs. SPI control mode.
In SPI control mode, the user can program the power mode, the
MCLK divider (MCLK_DIV), and the DCLK frequency using
Register 0x04 and Register 0x07 (see Table 38 and Table 41 for
register information). Independent selection of the power mode
and MCLK_DIV allows full freedom in the MCLK speed selection
to achieve a target modulator frequency.
In pin control mode, the MODEx pins determine the power
mode, the modulator frequency, and the DCLK frequency. The
modulator frequency tracks the power mode. This means that
fMOD is fixed at MCLK/32 for low power mode, MCLK/8 for
median mode, and MCLK/4 for fast mode (see Table 18).
Example of Power vs. Noise Performance Optimization
Depending on the bandwidth of interest for the measurement,
the user can choose a strategy of either lowest current consumption
or highest resolution. This choice is due to an overlap in the
coverage of each power mode. The AD7761 offers the ability to
balance the MCLK division ratio with the rate of decimation
(averaging) set in the digital filter. Lower power can be achieved
by using lower modulator clock frequencies. Conversely, the
highest resolution can be achieved by using higher modulator
clock frequencies and maximizing the amount of oversampling.
As an example, consider a system constraint with a maximum
available MCLK of 16 MHz. The system is targeting a measure-
ment bandwidth of approximately 25 kHz with the wideband
filter, setting the output data rate of the AD7761 to 62.5 kHz.
Because of the low MCLK frequency available and the system
power budget, median power mode is used.
In median power mode, this 25 kHz input bandwidth can be
achieved by setting the MCLK division and decimation ratio to
balance, using two configurations (Configuration A and
Configuration B). This flexibility is possible in SPI control
mode only.
Configuration A
To maximize the dynamic range, use the following settings:
•
MCLK = 16 MHz
•
Median power
•
fMOD = MCLK/4
•
Decimation = ×64 (digital filter setting)
•
ODR = 62.5 kHz
This configuration maximizes the available decimation rate (or
oversampling ratio) for the bandwidth required and MCLK rate
available. The decimation averages the noise from the modulator,
maximizing the dynamic range.
Configuration B
To minimize power, use the following settings:
•
MCLK = 16 MHz
•
Median power
•
fMOD = MCLK/8
•
Decimation = ×32 (digital filter setting)
•
ODR = 62.5 kHz
This configuration reduces the clocking speed of the modulator
and the digital filter.
When compared to Configuration A, Configuration B saves
48 mW of power. The trade-off in the case of Configuration B is
that the digital filter must run at a 2× lower decimation rate.
This 2× reduction in decimation rate (or oversampling ratio)
results in a 3 dB reduction in the dynamic range vs. Config-
uration A.
Clocking Out the ADC Conversion Results (DCLK)
The AD7761 DCLK is a divided version of the master clock
input. As shown in Figure 47, the DCLK_DIV setting determines
the speed of the DCLK. DCLK is a continuous clock.
The user can set the DCLK frequency rate to one of four divisions
of MCLK: MCLK/1, MCLK/2, MCLK/4, and MCLK/8. Because
there are eight channels and 24 bits of data per conversion, the
conversion time and the setting of DCLK directly determine the
number of data output lines that are required via the FORMATx
pin settings. Thus, the intended minimum decimation and desired
DCLK_DIV setting must be understood prior to choosing the
setting of the FORMATx pins.
NOISE PERFORMANCE AND RESOLUTION
Table 10 and Table 11 show the noise performance for the
wideband and sinc5 digital filters of the AD7761 for various
output data rates and power modes. The noise values specified
are typical for the bipolar input range with an external 4.096 V
reference (VREF).
The LSB size with 4.096 V reference is 125 µV, and is calculated
as follows:
LSB (V) = (2 × VREF)/216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com