Electronic Components Datasheet Search
  English  ▼

X  

AD7761 Datasheet(PDF) 32 Page - Analog Devices

Part # AD7761
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD7761 Datasheet HTML 28Page - Analog Devices AD7761 Datasheet HTML 29Page - Analog Devices AD7761 Datasheet HTML 30Page - Analog Devices AD7761 Datasheet HTML 31Page - Analog Devices AD7761 Datasheet HTML 32Page - Analog Devices AD7761 Datasheet HTML 33Page - Analog Devices AD7761 Datasheet HTML 34Page - Analog Devices AD7761 Datasheet HTML 35Page - Analog Devices AD7761 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
Data Sheet
AD7761
Rev. A | Page 31 of 75
Table 12. Requirements to Operate the AD7761
Requirement
Description
Power Supplies
5 V AVDD1 supply, 2.25 V to 5 V AVDD2 supply, 1.8 V or 2.5 V to 3.3 V IOVDD supply (ADP7104/ADP7118)
External Reference
2.5 V, 4.096 V, or 5 V (ADR4525, ADR4540, or ADR4550)
External Driver Amplifiers
The ADA4896-2, the ADA4940-1/ADA4940-2, the ADA4805-2, and the ADA4807-2
External Clock
Crystal or a CMOS/LVDS clock for the ADC modulator sampling
FPGA or DSP
Input/output voltage of 2.5 V to 3.6 V, or 1.8 V (see the 1.8 V IOVDD Operation section)
Table 13. Speed, Dynamic Range, THD, and Power Overview; Eight Channels Active, Decimate by 321
Power
Mode
Output
Data Rate
(kSPS)
THD
(dB)
Sinc5 Filter
Wideband Filter
Dynamic
Range (dB)
Bandwidth
(kHz)
Power Dissipation
(mW per channel)
Dynamic
Range (dB)
Bandwidth
(kHz)
Power Dissipation
(mW per channel)
Fast
256
−115
97.7
52.224
41
97.7
110.8
52
Median
128
−120
97.7
26.112
22
97.7
55.4
28
Low Power
32
−120
97.7
6.528
8.5
97.7
13.9
9.5
1
Analog precharge buffers on, precharge reference buffers and VCM disabled, typical values, AVDD1 = 5 V, AVDD2 = IOVDD = 2.5 V, VREF = 4.096 V, MCLK = 32.768 MHz,
DCLK = MCLK/4, TA = 25°C.
POWER SUPPLIES
The AD7761 has three independent power supplies: AVDD1
(given by the AVDD1A pin and the AVDD2A pin), AVDD2
(given by the AVDD2A pin and the AVDD2B pin), and IOVDD.
The reference potentials for these supplies are AVSS and DGND.
Tie all the AVSS supply pins (AVSS1A, AVSS1B, AVSS2A, AVSS2B,
and AVSS) to the same potential with respect to DGND. AVDD1A,
AVDD1B, AVDD2A, and AVDD2B are referenced to this AVSS
rail. IOVDD is referenced to DGND.
The supplies can be powered within the following ranges:
•
AVDD1 = 5 V ± 10%, relative to AVSS
•
AVDD2 = 2 V to 5.5 V, relative to AVSS
•
IOVDD (with internal regulator) = 2.25 V to 3.6 V, relative
to DGND
•
IOVDD (bypassing regulator) = 1.72 V to 1.88 V, relative to
DGND
•
AVSS = −2.75 V to 0 V, relative to DGND
The AVDD1A and AVDD1B (AVDD1) supplies power the analog
front end, reference input, and common-mode output circuitry.
AVDD1 is referenced to AVSS, and all AVDD1 supplies must be
tied to the same potential with respect to AVSS. If AVDD1 supplies
are used in a ±2.5 V split supply configuration, the ADC inputs are
truly bipolar. When using split supplies, reference the absolute
maximum ratings, which apply to the voltage allowed between
the AVSS and IOVDD supplies.
The AVDD2A and AVDD2B (AVDD2) supplies connect to
internal 1.8 V analog LDO regulators. The regulators power the
ADC core. AVDD2 is referenced to AVSS, and all AVDD2 supplies
must be tied to the same potential with respect to AVSS. The
voltage on AVDD2 can range from 2 V (minimum) to 5.5 V
(maximum), with respect to AVSS.
IOVDD powers the internal 1.8 V digital LDO regulator. This
regulator powers the digital logic of the ADC. IOVDD also sets
the voltage levels for the SPI interface of the ADC. IOVDD is
referenced to DGND, and the voltage on IOVDD can vary from
2.25 V (minimum) to 3.6 V (maximum), with respect to DGND.
IOVDD can also be configured to run at 1.8 V. In this case, IOVDD
and DREGCAP must be tied together and must be within the
range of 1.72 V (minimum) to 1.88 V (maximum), with respect
to DGND. See the 1.8 V IOVDD Operation section for more
information on operating the AD7761 at 1.8 V IOVDD.
Recommended Power Supply Configuration
Analog Devices, Inc., has a wide range of power management
products to meet the requirements of most high performance
signal chains.
An example of a power solution that uses the ADP7118 is shown
in Figure 49. The ADP7118 provides positive supply rails for
optimal converter performance, creating either a single 5 V,
3.3 V, or dual AVDD1 and AVDD2/IOVDD, depending on the
required supply configuration. The ADP7118 can operate from
input voltages of up to 20 V.
ADP7118
LDO
12V
INPUT
5V: AVDD1x
3.3V: AVDD2x/IOVDD
ADP7118
LDO
Figure 49. Power Supply Configuration
Alternatively, the ADP7112 or ADP7104 can be selected for
powering the AD7761. Refer to the AN-1120 Application Note
for more information regarding low noise LDO performance
and power supply filtering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com