Electronic Components Datasheet Search
  English  ▼

X  

AD7761 Datasheet(PDF) 31 Page - Analog Devices

Part # AD7761
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD7761 Datasheet HTML 27Page - Analog Devices AD7761 Datasheet HTML 28Page - Analog Devices AD7761 Datasheet HTML 29Page - Analog Devices AD7761 Datasheet HTML 30Page - Analog Devices AD7761 Datasheet HTML 31Page - Analog Devices AD7761 Datasheet HTML 32Page - Analog Devices AD7761 Datasheet HTML 33Page - Analog Devices AD7761 Datasheet HTML 34Page - Analog Devices AD7761 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 76 page
background image
AD7761
Data Sheet
Rev. A | Page 30 of 75
APPLICATIONS INFORMATION
The AD7761 offers users a multichannel platform measurement
solution for ac and dc signal processing.
Flexible filtering allows the AD7761 to be configured to
simultaneously sample ac and dc signals on a per channel basis.
Power scaling allows users to trade off the input bandwidth of
the measurement vs. the current consumption. This ability,
coupled with the flexibility of the digital filtering, allows the
user to optimize the energy efficiency of the measurement,
while still meeting power, bandwidth, and performance targets.
Key capabilities that allow users to choose the AD7761 as their
platform high resolution ADC are highlighted as follows:
•
Eight fully differential or pseudo differential analog inputs.
•
Fast throughput simultaneous sampling ADCs catering for
input signals up to 110.8 kHz.
•
Three selectable power modes (fast, median, and low
power) for scaling the current consumption and input
bandwidth of the ADC for optimal measurement
efficiency.
•
Analog input precharge and reference precharge buffers
reduce the drive requirements of external amplifiers.
•
Control of reference and analog input precharge buffers on
a per channel basis.
•
Wideband, low ripple, digital filter for ac measurement.
•
Fast sinc5 filter for precision low frequency measurement.
•
Two channel modes, defined by the user selected filter choice,
and decimation ratios, can be defined for use on different
ADC channels. This enables optimization of the input
bandwidth versus the signal of interest.
•
Option of SPI or pin strapped control and configuration.
•
Offset, gain, and phase calibration registers per channel.
•
Common-mode voltage output buffer for use by a driver
amplifier.
•
On-board AVDD2 and IOVDD LDOs for the low power,
1.8 V, internal circuitry.
Refer to Figure 48 and Table 12 for the typical connections
and minimum requirements to get started using the AD7761.
Table 13 shows the typical power and performance of the
AD7761 for the available power modes, for each filter type.
ADC
DATA
SERIAL
INTERFACE
SPI
CONTROL
INTERFACE
VOUT
VIN
VIN
ADR4540
AVDD1A,
AVDD1B
AVSS
AVDD2A,
AVDD2B
REGCAPA,
REGCAPB
PRECHARGE
BUFFERS
AIN7+
AIN7–
AIN0+
AIN0–
VCM
AD7761
DREGCAP
IOVDD
REFx–
REFx+
5V
ADA4940-1/
ADA4940-2
Σ-Δ
ADC
SINC5
LOW LATENCY FILTER
WIDEBAND
LOW RIPPLE FILTER
SYNC_IN
DRDY
SYNC_OUT
START
RESET
FORMATx
DCLK
DOUT6
DOUT7
ST0/CS
ST1/SCLK
DEC0/SDO
DEC1/SDI
FILTER/GPIO4
MODE3/GPIO3
TO
MODE0/GPIO0
XTAL2/MCLK
XTAL1
PIN/SPI
DOUT0
DOUT1
DOUT2
DOUT3
DOUT4
DOUT5
ADA4841-1
–
+
SUGGESTED OP AMPS:
FAST MODE: ADA4896-2 OR ADA4807-2
MEDIAN MODE: ADA4940-2 OR ADA4807-2
LOW POWER MODE: ADA4805-2
Figure 48. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com