Electronic Components Datasheet Search
  English  ▼

X  

AD7761 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7761
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7761 Datasheet HTML 13Page - Analog Devices AD7761 Datasheet HTML 14Page - Analog Devices AD7761 Datasheet HTML 15Page - Analog Devices AD7761 Datasheet HTML 16Page - Analog Devices AD7761 Datasheet HTML 17Page - Analog Devices AD7761 Datasheet HTML 18Page - Analog Devices AD7761 Datasheet HTML 19Page - Analog Devices AD7761 Datasheet HTML 20Page - Analog Devices AD7761 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 76 page
background image
AD7761
Data Sheet
Rev. A | Page 16 of 75
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
64 63
62 61 60 59 58 57 56 55 54 53 52
51 50 49
47
AIN5+
46
AVSS1B
45
AVDD1B
42
AIN6–
43
REF2+
44
REF2–
48
AIN5–
41
AIN6+
40
AIN7–
39
AIN7+
37
START
36
SYNC_IN
35
IOVDD
34
DREGCAP
33
DGND
38
SYNC_OUT
2
AIN1+
3
AVSS1A
4
AVDD1A
7
AIN2–
6
REF1+
5
REF1–
1
AIN1–
8
AIN2+
9
AIN3–
10
AIN3+
12
MODE0/GPIO0
13
MODE1/GPIO1
14
MODE2/GPIO2
15
MODE3/GPIO3
16
ST0/CS
11
FILTER/GPIO4
17 18 19
20 21 22 23 24 25 26 27 28 29 30 31 32
AD7761
TOP VIEW
(Not to Scale)
Figure 10. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
AIN1−
AI
Negative Analog Input to ADC Channel 1.
2
AIN1+
AI
Positive Analog Input to ADC Channel 1.
3
AVSS1A
P
Negative Analog Supply. This pin is nominally 0 V.
4
AVDD1A
P
Analog Supply Voltage, 5 V ± 10% with Respect to AVSS.
5
REF1−
AI
Reference Input Negative. REF1− is the negative reference terminal for Channel 0 to Channel 3. The
REF1− voltage range is from AVSS to (AVDD1 − 1 V). Decouple this pin to AVSS with a high quality
capacitor, and maintain a low impedance between this capacitor and Pin 3.
6
REF1+
AI
Reference Input Positive. REF1+ is the positive reference terminal for Channel 0 to Channel 3.
The REF1+ voltage range is from (AVSS + 1 V) to AVDD1. Apply an external reference differential
between REF1+ and REF1− in the range from 1 V to |AVDD1 − AVSS|. Decouple this pin to AVSS
with a high quality capacitor, and maintain a low impedance between this capacitor and Pin 3.
7
AIN2−
AI
Negative Analog Input to ADC Channel 2.
8
AIN2+
AI
Positive Analog Input to ADC Channel 2.
9
AIN3−
AI
Negative Analog Input to ADC Channel 3.
10
AIN3+
AI
Positive Analog Input to ADC Channel 3.
11
FILTER/GPIO4
DI/O
Filter Select/General-Purpose Input/Output 4. In pin control mode, this pin selects the filter type.
Set this pin to Logic 1 for the sinc5 filter. This sinc5 filter is a low latency filter, and is best for dc
applications or when a user has specialized postfiltering implemented off chip.
Set this pin to Logic 0 for the wideband low ripple filter response. This filter has a steep
transition band and 105 dB stop band attenuation. Full attenuation at Nyquist (ODR/2) means
that no aliasing occurs at ODR/2 out to the first chopping zone.
In SPI control mode, this pin can be used as a general-purpose input/output (GPIO4). For further
information on GPIO configuration, see the GPIO Functionality section.
In SPI control mode, when not used as a GPIO pin, and when using a crystal as the clock source,
this pin must be set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com