Electronic Components Datasheet Search
  English  ▼

X  

AD7761 Datasheet(PDF) 68 Page - Analog Devices

Part # AD7761
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761 Datasheet(HTML) 68 Page - Analog Devices

Back Button AD7761 Datasheet HTML 64Page - Analog Devices AD7761 Datasheet HTML 65Page - Analog Devices AD7761 Datasheet HTML 66Page - Analog Devices AD7761 Datasheet HTML 67Page - Analog Devices AD7761 Datasheet HTML 68Page - Analog Devices AD7761 Datasheet HTML 69Page - Analog Devices AD7761 Datasheet HTML 70Page - Analog Devices AD7761 Datasheet HTML 71Page - Analog Devices AD7761 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 76 page
background image
Data Sheet
AD7761
Rev. A | Page 67 of 75
Bits
Bit Name
Settings
Description
Reset
Access
[1:0]
DCLK_DIV
DCLK divider. These bits control division of the DCLK clock used to clock
out conversion data on the DOUTx pins. The DCLK signal is derived from
the MCLK signal applied to the AD7761. The DCLK divide mode allows the
user to optimize the DCLK output to fit the application. Optimizing the
DCLK signal per application depends on the requirements of the user. When
the AD7761 uses the highest capacity output on the fewest DOUTx pins, for
example, running in decimate by 32 using the DOUT0 and DOUT1 pins, the
DCLK signal must equal the MCLK signal; thus, in this case, choosing the
no division setting is the only way the user can output all the data within
the conversion period. There are other cases, however, when the ADC may
be running in fast mode with high decimation rates, or in median or low
power mode where the DCLK signal does not need to run at the same
speed as MCLK. In these cases, the DCLK divide allows the user to reduce
the clock speed and makes routing and isolating such signals easier.
0x0
RW
00
Divide by 8.
01
Divide by 4.
10
Divide by 2.
11
No division.
DIGITAL FILTER RAM BUILT IN SELF TEST (BIST) REGISTER
Address: 0x08, Reset: 0x0, Name: BIST Control
Table 42. Bit Descriptions for BIST Control
Bits
Bit Name
Settings
Description
Reset
Access
0
RAM_BIST_START
RAM BIST. Filter RAM BIST is a built in self test of the internal RAM. Normal ADC
conversion is disrupted when this test is run. A synchronization pulse is required
after this test is complete to resume normal ADC operation. The test can be run at
intervals depending on user preference. The status and result of the RAM BIST is
available in the device status register; see the RAM_BIST_PASS and
RAM_BIST_RUNNING bits in Table 43.
0x0
RW
0
Off.
1
Begin RAM BIST.
STATUS REGISTER
Address: 0x09, Reset: 0x0, Name: Device Status
Table 43. Bit Descriptions for Device Status
Bits
Bit Name
Settings
Description
Reset
Access
3
CHIP_ERROR
Chip error. Chip error is a global error flag that is output within the status byte
of each ADC conversion output. The following bits lead to the chip error bit
being set to logic high: CRC check on internally hard coded settings (after power-
up) does not pass; XOR check on the internal memory does not pass (this check
runs continuously in the background); and clock error is detected on power-up.
0x0
R
0
No error present.
1
Error has occurred.
2
NO_CLOCK_ERROR
External clock check. This bit indicates whether the externally applied MCLK is
detected correctly. If the MCLK is not applied correctly to the ADC at power-
up, this bit is set and the DCLK frequency is approximately 16 MHz. If this bit is set,
the chip error bit is set to logic high in the status bits of the data output
headers, and the conversion results are output as all zeros regardless of the
analog input voltages applied to the ADC channels.
0x0
R
0
MCLK detected.
1
No MCLK detected.
1
RAM_BIST_PASS
BIST pass/fail. RAM BIST result status. This bit indicates the result of the most
recent RAM BIST. The result is latched to this register and is only cleared by a
device reset.
0x0
R
0
BIST failed or not run.
1
BIST passed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com