Electronic Components Datasheet Search
  English  ▼

X  

LPC47M182 Datasheet(PDF) 109 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 109 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 105Page - SMSC Corporation LPC47M182 Datasheet HTML 106Page - SMSC Corporation LPC47M182 Datasheet HTML 107Page - SMSC Corporation LPC47M182 Datasheet HTML 108Page - SMSC Corporation LPC47M182 Datasheet HTML 109Page - SMSC Corporation LPC47M182 Datasheet HTML 110Page - SMSC Corporation LPC47M182 Datasheet HTML 111Page - SMSC Corporation LPC47M182 Datasheet HTML 112Page - SMSC Corporation LPC47M182 Datasheet HTML 113Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
SMSC LPC47M182
109
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
DATASHEET
case dmaEn=1:
During DMA (this bit is set to a 1 when terminal count is reached).
case dmaEn=0 direction=0:
This bit shall be set to 1 whenever there are writeIntrThreshold or more bytes free in the FIFO.
case dmaEn=0 direction=1:
This bit shall be set to 1 whenever there are readIntrThreshold or more valid bytes to be read from
the FIFO.
BIT 1 full
Read only
1:
The FIFO cannot accept another byte or the FIFO is completely full.
0:
The FIFO has at least 1 free byte.
BIT 0 empty
Read only
1:
The FIFO is completely empty.
0:
The FIFO contains at least 1 byte of data.
Table 7.6 - Extended Control Register
R/W
MODE
000:
Standard Parallel Port Mode . In this mode the FIFO is reset and common drain drivers are
used on the control lines (nStrobe, nAutoFd, nInit and nSelectIn). Setting the direction bit will
not tri-state the output drivers in this mode.
001:
PS/2 Parallel Port Mode. Same as above except that direction may be used to tri-state the
data lines and reading the data register returns the value on the data lines and not the value
in the data register. All drivers have active pull-ups (push-pull).
010:
Parallel Port FIFO Mode. This is the same as 000 except that bytes are written or DMAed to
the FIFO. FIFO data is automatically transmitted using the standard parallel port protocol.
Note that this mode is only useful when direction is 0. All drivers have active pull-ups
(push-pull).
011:
ECP Parallel Port Mode. In the forward direction (direction is 0) bytes placed into the
ecpDFifo and bytes written to the ecpAFifo are placed in a single FIFO and transmitted
automatically to the peripheral using ECP Protocol. In the reverse direction (direction is 1)
bytes are moved from the ECP parallel port and packed into bytes in the ecpDFifo. All
drivers have active pull-ups (push-pull).
100:
Selects EPP Mode: In this mode, EPP is selected if the EPP supported option is selected in
Parallel Port configuration register CRF0. All drivers have active pull-ups (push-pull).
101:
Reserved
110:
Test Mode. In this mode the FIFO may be written and read, but the data will not be
transmitted on the parallel port. All drivers have active pull-ups (push-pull).
111:
Configuration Mode. In this mode the confgA, confgB registers are accessible at 0x400 and
0x401. All drivers have active pull-ups (push-pull).
Table 7.7 – Programming for Configuration Register B (Bits 5:3)
IRQ SELECTED
CONFIG REG B
BITS 5:3
15
110
14
101
11
100
10
011
9
010
7
001
5
111
All Others
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com