Electronic Components Datasheet Search
  English  ▼

X  

LPC47M182 Datasheet(PDF) 113 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 113 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 109Page - SMSC Corporation LPC47M182 Datasheet HTML 110Page - SMSC Corporation LPC47M182 Datasheet HTML 111Page - SMSC Corporation LPC47M182 Datasheet HTML 112Page - SMSC Corporation LPC47M182 Datasheet HTML 113Page - SMSC Corporation LPC47M182 Datasheet HTML 114Page - SMSC Corporation LPC47M182 Datasheet HTML 115Page - SMSC Corporation LPC47M182 Datasheet HTML 116Page - SMSC Corporation LPC47M182 Datasheet HTML 117Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
SMSC LPC47M182
113
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
DATASHEET
The following paragraphs detail the operation of the FIFO flow control. In these descriptions, <threshold>
ranges from 1 to 16. The parameter FIFOTHR, which the user programs, is one less and ranges from 0 to
15.
A low threshold value (i.e. 2) results in longer periods of time between service requests, but requires faster
servicing of the request for both read and write cases. The host must be very responsive to the service
request. This is the desired case for use with a “fast” system. A high value of threshold (i.e. 12) is used
with a “sluggish” system by affording a long latency period after a service request, but results in more
frequent service requests.
7.21.1 DMA TRANSFERS
DMA transfers are always to or from the ecpDFifo, tFifo or CFifo. DMA utilizes the standard PC DMA
services. To use the DMA transfers, the host first sets up the direction and state as in the programmed I/O
case. Then it programs the DMA controller in the host with the desired count and memory address. Lastly
it sets dmaEn to 1 and serviceIntr to 0. The ECP requests DMA transfers from the host by encoding the
nLDRQ pin. The DMA will empty or fill the FIFO using the appropriate direction and mode. When the
terminal count in the DMA controller is reached, an interrupt is generated and serviceIntr is asserted,
disabling DMA. In order to prevent possible blocking of refresh requests a DMA cycle shall not be
requested for more than 32 DMA cycles in a row. The FIFO is enabled directly by the host initiating a
DMA cycle for the requested channel, and addresses need not be valid. An interrupt is generated when a
TC cycle is received. (Note: The only way to properly terminate DMA transfers is with a TC cycle.)
DMA may be disabled in the middle of a transfer by first disabling the host DMA controller. Then setting
serviceIntr to 1, followed by setting dmaEn to 0, and waiting for the FIFO to become empty or full.
Restarting the DMA is accomplished by enabling DMA in the host, setting dmaEn to 1, followed by setting
serviceIntr to 0.
7.21.2 DMA Mode - Transfers from the FIFO to the Host
(Note: In the reverse mode, the peripheral may not continue to fill the FIFO if it runs out of data to transfer,
even if the chip continues to request more data from the peripheral.)
The ECP requests a DMA cycle whenever there is data in the FIFO. The DMA controller must respond to
the request by reading data from the FIFO. The ECP stops requesting DMA cycles when the FIFO
becomes empty or when a TC cycle is received, indicating that no more data is required. If the ECP stops
requesting DMA cycles due to the FIFO going empty, then a DMA cycle is requested again as soon as
there is one byte in the FIFO. If the ECP stops requesting DMA cycles due to the TC cycle, then a DMA
cycle is requested again when there is one byte in the FIFO, and serviceIntr has been re-enabled.
7.21.3 Programmed I/O Mode or Non-DMA Mode
The ECP or parallel port FIFOs may also be operated using interrupt driven programmed I/O. Software
can determine the writeIntrThreshold, readIntrThreshold, and FIFO depth by accessing the FIFO in Test
Mode.
Programmed I/O transfers are to the ecpDFifo at 400H and ecpAFifo at 000H or from the ecpDFifo located
at 400H, or to/from the tFifo at 400H. To use the programmed I/O transfers, the host first sets up the
direction and state, sets dmaEn to 0 and serviceIntr to 0.
The ECP requests programmed I/O transfers from the host by activating the interrupt. The programmed
I/O will empty or fill the FIFO using the appropriate direction and mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com