Electronic Components Datasheet Search
  English  ▼

X  

LPC47M182 Datasheet(PDF) 115 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 115 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 111Page - SMSC Corporation LPC47M182 Datasheet HTML 112Page - SMSC Corporation LPC47M182 Datasheet HTML 113Page - SMSC Corporation LPC47M182 Datasheet HTML 114Page - SMSC Corporation LPC47M182 Datasheet HTML 115Page - SMSC Corporation LPC47M182 Datasheet HTML 116Page - SMSC Corporation LPC47M182 Datasheet HTML 117Page - SMSC Corporation LPC47M182 Datasheet HTML 118Page - SMSC Corporation LPC47M182 Datasheet HTML 119Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
SMSC LPC47M182
115
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
DATASHEET
7.23.1 Timing Diagrams For SER_IRQ Cycle
A) Start Frame timing with source sampled a low pulse on IRQ1
RT
S
RT
S
SER_IRQ
PCI_CLK
Host Controller
IRQ1
IRQ1
Drive Source
RT
None
IRQ0 FRAME IRQ1 FRAME
S
RT
IRQ2 FRAME
None
START
START FRAME
H
SL
or
H
1
Note:
H=Host Control; R=Recovery; T=Turn-Around; SL=Slave Control; S=Sample
Note 1: Start Frame pulse can be 4-8 clocks wide depending on the location of the device in the PCI bridge
hierarchy in a synchronous bridge design.
B) Stop Frame Timing with Host using 17 SER_IRQ sampling period
S
RT
S
SER_IRQ
PCI_CLK
Host Controller
IRQ15
Driver
RT
None
IRQ14
IRQ15
S
RT
IOCHCK#
None
STOP
RT
STOP FRAME
H
I
START
NEXT CYCLE
1
2
3
FRAME
FRAME
FRAME
Note:
H=Host Control; R=Recovery; T=Turn-Around; S=Sample; I=Idle
Note 1: The next SER_IRQ cycle’s Start Frame pulse may or may not start immediately after the turn-
around clock of the Stop Frame.
Note 2: There may be none, one or more Idle states during the Stop Frame.
Note 3: Stop pulse is 2 clocks wide for Quiet mode, 3 clocks wide for Continuous mode.
7.23.2 SER_IRQ Cycle Control
There are two modes of operation for the SER_IRQ Start Frame:
1) Quiet (Active) Mode: Any device may initiate a Start Frame by driving the SER_IRQ low for one clock,
while the SER_IRQ is Idle. After driving low for one clock the SER_IRQ must immediately be tri-stated
without at any time driving high. A Start Frame may not be initiated while the SER_IRQ is Active. The
SER_IRQ is Idle between Stop and Start Frames. The SER_IRQ is Active between Start and Stop
Frames. This mode of operation allows the SER_IRQ to be Idle when there are no IRQ/Data transitions
which should be most of the time.
Once a Start Frame has been initiated the Host Controller will take over driving the SER_IRQ low in the
next clock and will continue driving the SER_IRQ low for a programmable period of three to seven clocks.
This makes a total low pulse width of four to eight clocks. Finally, the Host Controller will drive the
SER_IRQ back high for one clock, then tri-state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com