Electronic Components Datasheet Search
  English  ▼

X  

LPC47M182 Datasheet(PDF) 114 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 114 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 110Page - SMSC Corporation LPC47M182 Datasheet HTML 111Page - SMSC Corporation LPC47M182 Datasheet HTML 112Page - SMSC Corporation LPC47M182 Datasheet HTML 113Page - SMSC Corporation LPC47M182 Datasheet HTML 114Page - SMSC Corporation LPC47M182 Datasheet HTML 115Page - SMSC Corporation LPC47M182 Datasheet HTML 116Page - SMSC Corporation LPC47M182 Datasheet HTML 117Page - SMSC Corporation LPC47M182 Datasheet HTML 118Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
114
SMSC LPC47M182
DATASHEET
Note: A threshold of 16 is equivalent to a threshold of 15. These two cases are treated the same.
7.21.4 Programmed I/O - Transfers from the FIFO to the Host
In the reverse direction an interrupt occurs when serviceIntr is 0 and readIntrThreshold bytes are
available in the FIFO. If at this time the FIFO is full it can be emptied completely in a single burst,
otherwise readIntrThreshold bytes may be read from the FIFO in a single burst.
readIntrThreshold =(16-<threshold>) data bytes in FIFO
An interrupt is generated when serviceIntr is 0 and the number of bytes in the FIFO is greater than or
equal to (16-<threshold>). (If the threshold = 12, then the interrupt is set whenever there are 4-16 bytes in
the FIFO). The host must respond to the request by reading data from the FIFO. This process is repeated
until the last byte is transferred out of the FIFO. If at this time the FIFO is full, it can be completely emptied
in a single burst, otherwise a minimum of (16-<threshold>) bytes may be read from the FIFO in a single
burst.
7.21.5 Programmed I/O - Transfers from the Host to the FIFO
In the forward direction an interrupt occurs when serviceIntr is 0 and there are writeIntrThreshold or more
bytes free in the FIFO. At this time if the FIFO is empty it can be filled with a single burst before the empty
bit needs to be re-read. Otherwise it may be filled with writeIntrThreshold bytes.
writeIntrThreshold
=
(16-<threshold>) free bytes in FIFO
An interrupt is generated when serviceIntr is 0 and the number of bytes in the FIFO is less than or equal to
<threshold>. (If the threshold = 12, then the interrupt is set whenever there are 12 or less bytes of data in
the FIFO.) The host must respond to the request by writing data to the FIFO. If at this time the FIFO is
empty, it can be completely filled in a single burst, otherwise a minimum of (16-<threshold>) bytes may be
written to the FIFO in a single burst. This process is repeated until the last byte is transferred into the
FIFO.
7.22
Power Management
Direct power management capability is provided for the following logical devices: floppy disk, UART, and
the parallel port. Direct power management is controlled by CR22. Refer to CR22 in Table 11.3 for more
information.
Note on FDC Direct Powerdown: The Direct powerdown mode requires at least 8us delay at 250K
bits/sec configuration and 4us delay at 500K bits/sec. The delay should be added so that the
internal microcontroller can prepare itself to accept commands.
7.23
Serial IRQ
The LPC47M182 supports the serial interrupt to transmit interrupt information to the host system. The
serial interrupt scheme adheres to the Serial IRQ Specification for PCI Systems, Version 6.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com