Electronic Components Datasheet Search
  English  ▼

X  

LPC47M182 Datasheet(PDF) 111 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 111 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 107Page - SMSC Corporation LPC47M182 Datasheet HTML 108Page - SMSC Corporation LPC47M182 Datasheet HTML 109Page - SMSC Corporation LPC47M182 Datasheet HTML 110Page - SMSC Corporation LPC47M182 Datasheet HTML 111Page - SMSC Corporation LPC47M182 Datasheet HTML 112Page - SMSC Corporation LPC47M182 Datasheet HTML 113Page - SMSC Corporation LPC47M182 Datasheet HTML 114Page - SMSC Corporation LPC47M182 Datasheet HTML 115Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
SMSC LPC47M182
111
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
DATASHEET
Note that all FIFO data transfers are byte wide and byte aligned. Address/RLE transfers are byte-wide
and only allowed in the forward direction.
The host may switch directions by first switching to mode = 001, negotiating for the forward or reverse
channel, setting direction to 1 or 0, then setting mode = 011. When direction is 1 the hardware shall
handshake for each ECP read data byte and attempt to fill the FIFO. Bytes may then be read from the
ecpDFifo as long as it is not empty.
ECP transfers may also be accomplished (albeit slowly) by handshaking individual bytes under program
control in mode = 001, or 000.
7.15
Termination from ECP Mode
Termination from ECP Mode is similar to the termination from Nibble/Byte Modes. The host is permitted to
terminate from ECP Mode only in specific well-defined states. The termination can only be executed while
the bus is in the forward direction. To terminate while the channel is in the reverse direction, it must first be
transitioned into the forward direction.
7.16
Command/Data
ECP Mode supports two advanced features to improve the effectiveness of the protocol for some
applications. The features are implemented by allowing the transfer of normal 8 bit data or 8 bit
commands.
When in the forward direction, normal data is transferred when HostAck is high and an 8 bit command is
transferred when HostAck is low.
The most significant bit of the command indicates whether it is a run-length count (for compression) or a
channel address.
When in the reverse direction, normal data is transferred when PeriphAck is high and an 8 bit command is
transferred when PeriphAck is low. The most significant bit of the command is always zero. Reverse
channel addresses are seldom used and may not be supported in hardware.
Table 7.9 - Channel/Data Commands supported in ECP mode
Forward Channel Commands (HostAck Low)
Reverse Channel Commands (PeripAck Low)
D7
D[6:0]
0
Run-Length Count (0-127)
(mode 0011 0X00 only)
1
Channel Address (0-127)
7.17
Data Compression
The ECP port supports run length encoded (RLE) decompression in hardware and can transfer
compressed data to a peripheral. Run length encoded (RLE) compression in hardware is not supported.
To transfer compressed data in ECP mode, the compression count is written to the ecpAFifo and the data
byte is written to the ecpDFifo.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com