Electronic Components Datasheet Search
  English  ▼

X  

LP87332D Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP87332D
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87332D Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP87332D Datasheet HTML 13Page - Texas Instruments LP87332D Datasheet HTML 14Page - Texas Instruments LP87332D Datasheet HTML 15Page - Texas Instruments LP87332D Datasheet HTML 16Page - Texas Instruments LP87332D Datasheet HTML 17Page - Texas Instruments LP87332D Datasheet HTML 18Page - Texas Instruments LP87332D Datasheet HTML 19Page - Texas Instruments LP87332D Datasheet HTML 20Page - Texas Instruments LP87332D Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 74 page
background image
FREQUENCY
17
LP87332D
www.ti.com
SNVSAU6 – NOVEMBER 2017
Product Folder Links: LP87332D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
7.3.1.4 Spread-Spectrum Mode
Systems with periodic switching signals may generate a large amount of switching noise in a set of narrowband
frequencies (the switching frequency and its harmonics). The usual solution to reduce noise coupling is to add
EMI-filters and shields to the boards. The LP87332D has register selectable spread-spectrum mode which
minimizes the need for output filters, ferrite beads, or chokes. In spread spectrum mode, the switching frequency
varies around the center frequency, reducing the EMI emissions radiated by the converter and associated
passive components and PCB traces (see Figure 7). This feature is available only when internal RC oscillator is
used (EN_PLL bit is 0 in PLL_CTRL register), and it is enabled with the EN_SPREAD_SPEC bit in CONFIG
register, and it affects both buck cores.
Where a fixed frequency converter exhibits large amounts of spectral energy at the switching frequency, the spread
spectrum architecture of the LP87332D spreads that energy over a large bandwidth.
Figure 7. Spread-Spectrum Modulation
7.3.2 Sync Clock Functionality
The LP87332D device contains a CLKIN input to synchronize the switching clock of the buck regulators with the
external clock. The block diagram of the clocking and PLL module is shown in Figure 8. Depending on the
EN_PLL bit in PLL_CTRL register and the external clock availability, the external clock is selected and interrupt
is generated as shown in Table 2. The interrupt can be masked with SYNC_CLK_MASK bit in TOP_MASK_1
register. The nominal frequency of the external input clock is set by EXT_CLK_FREQ[4:0] bits in PLL_CTRL
register, and it can be from 1 MHz to 24 MHz with 1-MHz steps. The external clock must be inside accuracy
limits (–30%/+10%) of the selected frequency for valid clock detection.
The SYNC_CLK_INT interrupt in INT_TOP_1 register is also generated in cases where the external clock is
expected but it is not available. These cases are start-up (read OTP-to-standby transition) when EN_PLL is 1
and Buck regulator enable (standby-to-active transition) when EN_PLL is 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com