Electronic Components Datasheet Search
  English  ▼

X  

LP87332D Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # LP87332D
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87332D Datasheet(HTML) 58 Page - Texas Instruments

Back Button LP87332D Datasheet HTML 54Page - Texas Instruments LP87332D Datasheet HTML 55Page - Texas Instruments LP87332D Datasheet HTML 56Page - Texas Instruments LP87332D Datasheet HTML 57Page - Texas Instruments LP87332D Datasheet HTML 58Page - Texas Instruments LP87332D Datasheet HTML 59Page - Texas Instruments LP87332D Datasheet HTML 60Page - Texas Instruments LP87332D Datasheet HTML 61Page - Texas Instruments LP87332D Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 74 page
background image
58
LP87332D
SNVSAU6 – NOVEMBER 2017
www.ti.com
Product Folder Links: LP87332D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 10. Recommended Buck Output Capacitors (X7R Dielectric)
MANUFACTURER
PART NUMBER
VALUE
CASE SIZE
DIMENSIONS L × W × H
(mm)
VOLTAGE RATING
Murata
GCM31CR71A226KE02
22 µF (10%)
1206
3.2 × 1.6 × 1.6
10 V
8.2.1.4 LDO Input Capacitor Selection
The input capacitors CIN_LDO0 and CIN_LDO1 are shown in the Figure 25. A ceramic input capacitor of 2.2 μF, 6.3 V
is sufficient for most applications. Place the input capacitor as close as possible to the VIN_LDOx pin and AGND
pin of the device. A larger value or higher voltage rating improves the input voltage filtering. Use X7R type of
capacitors, not Y5V or F. DC bias characteristics of capacitors must be considered, minimum effective input
capacitance to ensure good performance is 0.6 μF per LDO input at maximum input voltage including tolerances,
ambient temperature range and aging. See Table 11.
Table 11. Recommended LDO Input Capacitors (X7R Dielectric)
MANUFACTURER
PART NUMBER
VALUE
CASE SIZE
DIMENSIONS L × W × H
(mm)
VOLTAGE RATING
Murata
GCM188R70J225KE22
2.2 µF (10%)
0603
1.6 × 0.8 × 0.8
6.3 V
Murata
GCM21BR71C475KA73
4.7 µF (10%)
0805
2 × 1.25 × 1.25
16 V
8.2.1.5 LDO Output Capacitor Selection
The output capacitors COUT_LDO0 and COUT_LDO1 are shown in the Typical Application. A ceramic output capacitor
of minimum 1.0 μF is required. Place the output capacitor as close to the VOUT_LDOx pin and AGND pin of the
device as possible. Use X7R type of capacitors, not Y5V or F. DC bias characteristics of capacitors must be
considered, minimum effective output capacitance to ensure good performance is 0.4 μF per LDO input at
maximum input voltage including tolerances, ambient temperature range and aging. See Table 12.
The output capacitance must be smaller than the input capacitance in order to ensure the stability of the LDO.
With a 1-μF output capacitor it is recommended to use at least 2.2-μF input capacitor; with a 2.2-μF output
capacitor at least 4.7-μF input capacitance.
The VANA input is used to supply analog and digital circuits in the device. See Table 13 for recommended
components from for VANA input supply filtering.
Table 12. Recommended LDO Output Capacitors (X7R Dielectric)
MANUFACTURER
PART NUMBER
VALUE
CASE SIZE
DIMENSIONS L × W × H (mm)
VOLTAGE RATING
Murata
GCM188R71C105KA64
1 µF (10%)
0603
1.6 × 0.8 × 0.8
16 V
Murata
GCM188R70J225KE22
2.2 µF (10%)
0603
1.6 × 0.8 × 0.8
6.3 V
Table 13. Recommended Supply Filtering Components
MANUFACTURER
PART NUMBER
VALUE
CASE SIZE
DIMENSIONS L × W × H (mm)
VOLTAGE RATING
Murata
GCM155R71C104KA55
100 nF (10%)
0402
1 × 0.5 × 0.5
16 V
Murata
GCM188R71C104KA37
100 nF (10%)
0603
1.6 × 0.8 × 0.8
16 V
8.2.2 Detailed Design Procedure
The performance of the LP87332D device depends greatly on the care taken in designing the printed circuit
board (PCB). The use of low-inductance and low serial-resistance ceramic capacitors is strongly recommended,
while proper grounding is crucial. Attention must be given to decoupling the power supplies. Decoupling
capacitors must be connected close to the device and between the power and ground pins to support high peak
currents being drawn from system power rail during turnon of the switching MOSFETs. Keep input and output
traces as short as possible, because trace inductance, resistance, and capacitance can easily become the
performance limiting items. The separate buck regulator power pins VIN_Bx are not connected together
internally. Connect the VIN_Bx power connections together outside the package using power plane construction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com